Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5010FCT1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5010FCT1G
Description  500 mW Boost Converter for White LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5010FCT1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5010FCT1G Datasheet HTML 7Page - ON Semiconductor NCP5010FCT1G Datasheet HTML 8Page - ON Semiconductor NCP5010FCT1G Datasheet HTML 9Page - ON Semiconductor NCP5010FCT1G Datasheet HTML 10Page - ON Semiconductor NCP5010FCT1G Datasheet HTML 11Page - ON Semiconductor NCP5010FCT1G Datasheet HTML 12Page - ON Semiconductor NCP5010FCT1G Datasheet HTML 13Page - ON Semiconductor NCP5010FCT1G Datasheet HTML 14Page - ON Semiconductor NCP5010FCT1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP5010
http://onsemi.com
11
Finally an acceptable DCR must be selected regarding
losses in the coil and must be lower than 1.4
W to limit
excessive voltage drop. In addition, as DCR is reduced,
overall efficiency will improve. Some recommended
inductors include but are not limited to:
TDK VLF4012AT−220MR51
TDK VLP4612T−220MR34
TDK VLP5610T−220MR45
Coilcraft LPO6610−223M
Coilcraft DO1605T−223MX
Coilcraft DT1608C−223
Capacitor Selection
To minimize the output ripple, a low ESR multi−layer
ceramic capacitor type X5R or equivalent should be
selected. For LED driver applications a 1
mF (min) 25 V is
adequate. The NCP5010 can be operated in a voltage mode
configuration (see Figure 34) for applications such as
OLED power. Under these conditions, COUT can be
increased to 2.2
mF, 25 V or more to reduce the output
ripple.
The input needs to be bypassed by a X5R or an equivalent
low ESR ceramic capacitor near the VIN pin. A 1
mF, 6.3 V
is enough for most applications. However, if the connection
between VIN and the battery is too long then a 4.7
mF or
higher
ceramic
capacitor
may
be
needed.
Some
recommended capacitors include but are not limited to:
TDK C1608X5R1E105MT
TDK C2012X5R1E105MT
TDK C1608X5R0J105MT
TDK C2012X5R1E225MT
Murata GRM185R61A105KE36D
Murata GRM188R60J475KE19D
Murata GRM216R61E105KA12D
Damping Switch
If the NCP5010 supplies a very light load (< 1 mA), the
converter switches enters a Discontinuous Conduction
Mode (DCM) and the current through the inductor is no
longer continuous (see Figure 18). The converter has a
RingKiller circuit which detects entry into DCM mode and
turns on the damping switch until the next clock cycle thus
minimizing stray oscillations and EMI generation.
Short−Circuit Protection
If VOUT is falls below 50% of VIN then a short−circuit
condition is detected. When this event is detected, the
PWM circuitry is disabled and the NMOS power switch is
not turned on. Power will be supplied to the load through
the inductor, rectifier and high side switch. Once VOUT
reaches 66% of VIN, then the PWM circuitry is enabled. In
normal conditions when the device is enabled by an active
high signal on CTRL, the short circuit condition continues
until the output capacitor is charged by the limited current
up to 66% of VIN.
Normal
Running
Short−Circuit Condition
Current limited at 20mA
Converter in Standby
End of Short−Circuit
Detected Converter
Starts Again
SC
Occurs
T
Figure 27. Example of the VOUT Voltage Behavior
When Short−Circuit Arises
VOUT
2/3 VIN
1/2 VIN
Overvoltage Protection (OVP)
If there is an open load condition such as a loose
connection to the White LED string, the converter will
provide current to the Cout capacitor and the voltage at the
output will rise rapidly. This could cause damage to the part
if there was not some external clamping Zener clamping
circuit.
To eliminate the need for these external
components, the NCP5010 incorporates an OVP circuit
which monitors the output voltage with a resistive divider
network and a comparator and voltage reference. If the
output reaches 22 V (nominal), the OVP circuit will detect
a fault and inhibit PWM operation. This comparator has
1 V of hysteresis so when the load is reconnected and the
voltage drops below 21 V, the PWM operation will resume
automatically. The 22 V OVP threshold allows the use of
25 V ceramic capacitors for the output filter capacitor.
Undervoltage Lock Out (UVLO)
To ensure proper operation under all conditions, the
device has a built−in undervoltage lock out (UVLO)
circuit. During power−up, the device will remain disabled
until the input voltage exceeds 2.4 V nominal. This circuit
has 200 mV of hysteresis to provide noise immunity to
transient conditions.


Similar Part No. - NCP5010FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010FCT1G ONSEMI-NCP5010FCT1G Datasheet
173Kb / 18P
   500 mW Boost Converter for White LEDs
August, 2006 ??Rev. 1
More results

Similar Description - NCP5010FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010_06 Datasheet
173Kb / 18P
   500 mW Boost Converter for White LEDs
August, 2006 ??Rev. 1
logo
Advanced Analog Technol...
AAT1500 AAT-AAT1500 Datasheet
288Kb / 14P
   CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
logo
List of Unclassifed Man...
AAT1500 ETC1-AAT1500 Datasheet
570Kb / 11P
   CONSTANT CURRENT BOOST CONVERTER FOR 1 TO 4 WHITE LEDS
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
[Old version datasheet]   High Efficiency Boost for White LEDs
logo
PCA ELECTRONICS INC.
EPC1198-X PCA-EPC1198-X_15 Datasheet
36Kb / 1P
   500 mW DC/DC Converter
EPC1195G-X PCA-EPC1195G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
EPC1197-X PCA-EPC1197-X Datasheet
32Kb / 1P
   500 mW DC/DC Converter
EPC1198-X PCA-EPC1198-X Datasheet
33Kb / 1P
   500 mW DC/DC Converter
EPC1194G-X PCA-EPC1194G-X_15 Datasheet
37Kb / 1P
   500 mW DC/DC Converter
EPC1193G-X PCA-EPC1193G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com