Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6R-162RF Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A6R-162RF
Description  Low-cost Rotary DIP Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6R-162RF Datasheet(HTML) 1 Page - Omron Electronics LLC

  A6R-162RF Datasheet HTML 1Page - Omron Electronics LLC A6R-162RF Datasheet HTML 2Page - Omron Electronics LLC A6R-162RF Datasheet HTML 3Page - Omron Electronics LLC A6R-162RF Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
18
A6R/A6RV
Rotary DIP Switch
Low-cost Rotary DIP Switches
Series includes top-actuated, side-actuated, flat,
and extended-shaft models.
The rotor has an O-ring sealed construction that
prevents the ingress of dirt and dust.
Two different types of terminal arrangement are
available for each model to allow flexibility in the
circuit design.
Ordering Information
List of Models
Note:
Switches are delivered in units of 48. Orders must be made in multiples of 48.
Specifications
Ratings/Characteristics
Output Codes
10-position Models
16-position Models
Note:
” indicates that the internal switch is ON.
Type (rotor color)
Top-actuated,
flat (White)
Top-actuated,
extended shaft
(White)
Side-actuated,
flat (White)
Side-actuated,
extended shaft
(White)
Appearance
Number of
positions
Quantity
per stick
Terminal
arrangement
Output
code
10
48
4
´ 1
Real code
A6R-101RF
A6R-101RS
A6RV-101RF
A6RV-101RS
3
´ 3
Real code
A6R-102RF
A6R-102RS
A6RV-102RF
A6RV-102RS
16
48
4
´ 1
Real code
A6R-161RF
A6R-161RS
A6RV-161RF
A6RV-161RS
3
´ 3
Real code
A6R-162RF
A6R-162RS
A6RV-162RF
A6RV-162RS
Rating
25 mA at 24 VDC
Ambient operating
temperature
-25 to 80°C (with no icing or condensation)
Ambient operating
humidity
35% to 95%
Insulation resistance
100 M
W min. (at 250 VDC)
Contact resistance
200 m
W max. (initial value)
Dielectric strength
250 VAC for 1 minute between terminals of the same po-
larity
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: Approx. 300 m/s2
Electrical life expect-
ancy
5,000 steps min.
Operating torque
1.96
´ 10-2 N·m max.
Weight
4
´1, top-actuated: 0.64 g
3
´3, top-actuated: 0.62 g
4
´1, side-actuated: 0.8 g
3
´3, side-actuated: 0.83 g
(Add 0.13 g for the extended-shaft version of each model.)
Code
Real code
Code
Real code
Position
12
48
Position
12
48
00
1
1
2
2
3
●●
3
●●
4
4
5
●●
5
●●
6
●●
6
●●
7
●●
7
●●
8
8
9
●●
9
●●
A
●●
B
●●
C
●●
D
●●
E
●●
F
●●
●●


Similar Part No. - A6R-162RF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R-162RF OMRON-A6R-162RF Datasheet
1Mb / 6P
   Rotary DIP Switch
More results

Similar Description - A6R-162RF

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE ITT-RTE Datasheet
427Kb / 8P
   Low Profile Rotary DIP Switches
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
   8mm DIP Coded Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com