Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2487SQX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2487SQX
Description  3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2487SQX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2487SQX Datasheet HTML 5Page - National Semiconductor (TI) LMX2487SQX Datasheet HTML 6Page - National Semiconductor (TI) LMX2487SQX Datasheet HTML 7Page - National Semiconductor (TI) LMX2487SQX Datasheet HTML 8Page - National Semiconductor (TI) LMX2487SQX Datasheet HTML 9Page - National Semiconductor (TI) LMX2487SQX Datasheet HTML 10Page - National Semiconductor (TI) LMX2487SQX Datasheet HTML 11Page - National Semiconductor (TI) LMX2487SQX Datasheet HTML 12Page - National Semiconductor (TI) LMX2487SQX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Typical Performance Characteristics : Sensitivity (Note 7) (Continued)
OSCin Sensitivity
T
A = 25˚C, OSC_2X =1
20154773
OSCin Sensitivity
V
CC = 3.0 V, OSC_2X = 1
20154774
www.national.com
9


Similar Part No. - LMX2487SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2487SQX TI1-LMX2487SQX Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487SQX/NOPB TI1-LMX2487SQX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
More results

Similar Description - LMX2487SQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com