Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD9836 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRD9836
Description  16-BIT PIXEL GAIN AFE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9836 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRD9836 Datasheet HTML 6Page - Exar Corporation XRD9836 Datasheet HTML 7Page - Exar Corporation XRD9836 Datasheet HTML 8Page - Exar Corporation XRD9836 Datasheet HTML 9Page - Exar Corporation XRD9836 Datasheet HTML 10Page - Exar Corporation XRD9836 Datasheet HTML 11Page - Exar Corporation XRD9836 Datasheet HTML 12Page - Exar Corporation XRD9836 Datasheet HTML 13Page - Exar Corporation XRD9836 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
XRD9836
xr
xr
16-BIT PIXEL GAIN AFE
REV. 1.0.0
10
SYSTEM OVERVIEW
The XRD9836 provides a 16-bit Analog Front End
functionality for Mid-to-High range, next-generation
scanner applications. It has 3 channels of Correlated
Double Sampling (CDS), using a 10-bit Dynamic Off-
set DAC, a 10-bit Programmable Gain Amplifier
(PGA) and a 10-bit Fine Offset DAC for Red, Green,
and Blue CCD signals. A 16-bit 30MHz ADC is multi-
plexed among these 3 channels to provide digitized
image data for the scanner ASIC chip. In 3-channel
mode, the order of channels is R, G, B. In the 1-chan-
nel mode, only the selected channel is active. The
XRD9836 provides one of the key requirements for
the next generation scanner AFE’s, the ability to con-
trol Pixel-by-Pixel Gain and Offset values. Figure 3
shows the ASIC and AFE interface for the proposed
system.
A 10-bit parallel bus Offset Gain Input Port (OGI) is
used to transfer 10 bits of Gain and 10 bits of Offset.
In the 3-channel mode, the data is received sequen-
tially in the following order: red gain, red offset, green
gain, green offset, blue gain, blue offset. In 1-channel
mode, the data is received sequentially gain then off-
set. For an example of both 3-channel and 1-channel
OGI timing see Figure 4.
The Input Enable pin (IE) enables OGI port to pro-
gram internal pixel gain and offset registers. If IE
goes low, the gain and offset registers will store the
last data while IE was high.
For ADC outputs, the XRD9836 has an 8-bit parallel
bus ADC Data Out (ADCDO). The ADC output data is
transmitted sequentially in the following order for 3-ch
mode red high order byte, red low order byte, green
high order byte, green low order byte, blue high order
byte, blue low order byte as shown in Figure 5
A three-pin, Micro-controller Serial I/O link (uSIO) is
used to write or read from the XRD9836’s internal
configuration registers. The internal registers control
the various modes of operation of the chip.
FIGURE 3. SYSTEM BLOCK DIAGRAM


Similar Part No. - XRD9836

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9814 EXAR-XRD9814 Datasheet
679Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814ACV EXAR-XRD9814ACV Datasheet
679Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814B EXAR-XRD9814B Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814BCV EXAR-XRD9814BCV Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9816ACV EXAR-XRD9816ACV Datasheet
679Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
More results

Similar Description - XRD9836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
Wolfson Microelectronic...
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
   (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
   (88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
logo
Cirrus Logic
WM8196 CIRRUS-WM8196 Datasheet
475Kb / 32P
   (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
logo
Wolfson Microelectronic...
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
   (88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
   (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
[Old version datasheet]   16-Channel Ultrasound AFE
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
logo
Wolfson Microelectronic...
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com