Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HOA1888-011 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HOA1888-011
Description  Wide Gap Transmissive Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HOA1888-011 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HOA1888-011 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HOA1888-011 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HOA1888-011 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HOA1888-011 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Infrared Assemblies
Wide Gap Transmissive Sensor
HOA1888 Series
Honeywell Sensing and Control
FEATURES
• Choice of phototransistor or
photodarlington output
• Visible ambient light and dust
protective filter
• 12 mm (0.47 in.) slot width
• Snap-in housing
The HOA1888 Series consists of an infrared emitting diode facing an
NPN silicon phototransistor (HOA1888-011) or photodarlington
(HOA1888-013) encased in a black thermoplastic housing. Detector
switching takes place whenever an opaque object passes through the
slot between emitter and detector. Both emitter and detector have 1,52
mm (0.060 in.) x 1,52 mm (0.060 in.) vertical apertures.
The sensor housing contains IR (Infrared) transmissive optical
windows. This arrangement provides excellent protection against visible
ambient light while eliminating aperture openings which could be
clogged by airborne contaminants.
Housing material is polycarbonate. Housings are soluble in
chlorinated hydrocarbons and ketones. Recommended cleaning agents
are methanol and isopropanol.


Similar Part No. - HOA1888-011

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-011 HONEYWELL-HOA1881-011 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-012 HONEYWELL-HOA1881-012 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-013 HONEYWELL-HOA1881-013 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1882 HONEYWELL-HOA1882 Datasheet
281Kb / 4P
   Transmissive Sensor
More results

Similar Description - HOA1888-011

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB856 OPTEK-OPB856 Datasheet
305Kb / 2P
   Wide Gap Optical Sensor
OPB856Z OPTEK-OPB856Z Datasheet
412Kb / 3P
   Wide Gap Optical Sensor
logo
TT Electronics.
OPB856Z TTELEC-OPB856Z Datasheet
739Kb / 3P
   Wide Gap Optical Sensor
logo
KODENSHI_AUK CORP.
SG268 KODENSHI-SG268 Datasheet
275Kb / 2P
   Wide GAP/
logo
Honeywell Accelerometer...
HOA2862-002 HONEYWELL-ACC-HOA2862-002 Datasheet
383Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA1873 HONEYWELL-HOA1873 Datasheet
300Kb / 4P
   Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
   Transmissive Sensor
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1887 HONEYWELL-HOA1887 Datasheet
312Kb / 4P
   Transmissive Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com