Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HOA1888-011 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HOA1888-011
Description  Wide Gap Transmissive Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HOA1888-011 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HOA1888-011 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HOA1888-011 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HOA1888-011 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HOA1888-011 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Infrared Assemblies
Wide Gap Transmissive Sensor
HOA1888 Series
Sensing and Control
Honeywell Inc.
11 West Spring Street
Freeport, Illinois 61032
Printed with Soy Ink
on 50% Recycled Paper
www.honeywell.com/sensing
006455-1-EN IL50 GLO 1298 Printed in USA
ORDER GUIDE
Catalog Listing
Description
HOA1888-011
Wide Gap Transmissive Sensor, Phototransistor
HOA1888-013
Wide Gap Transmissive Sensor, Photodarlington
OUTLINE DIMENSIONS mm (in.) (for reference only)
35 (1.378)
12 (.472)
11,5 (.453)
12 (.472)
5,5 (.216)
29 ± .1 (1.142)
19,4 (.764)
2x 7,8 ±.1 (.307)
3 (.118)
3,8 ± .1 (.150)
3 (.118)
13 (.512)
10 (.394) OPTICAL C
0,7 (.027)
3,8 (.150) OPTICAL C
L
6,9 (.271)
4,4 (.173)
3,3 (.13) 5X
1,4 (.055)
2,8 (.110)
3,6 (.142)
3
4
2,54 (.100)
1
2
LEADS:
1. ANODE
2. CATHODE
3. EMITTER
4. COLLECTOR
L
RECOMMENDED PCB MOUNTING HOLE
DIMENSIONS mm (in.)
29 (1.142)
(2X) 19,4 (.764)
(2x) 4,8 (.189)
(5X) 1,0 (.04) dia.
(2X) 2,8 (.110) dia.
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as
being free of defective material and faulty
workmanship. Contact your local sales office for
warranty information. If warranted goods are
returned to Honeywell during that period of
coverage, Honeywell will repair or replace without
charge those items it finds defective. The foregoing
is Buyer’s sole remedy and is in lieu of all other
warranties, expressed or implied, including
those of merchantability and fitness for a
particular purpose.
While we provide application assistance,
personally, through our literature, and through the
Honeywell website, it is up to the customer to
determine the suitability of the product in the
application.
Specifications may change at any time without
notice. The information we supply is believed to be
accurate and reliable as of this printing. However,
we assume no responsibility for its use.
SALES AND SERVICE
MICRO SWITCH Sensing and Control serves its
customers through a worldwide network of sales
offices and distributors. For application assistance,
current specifications, pricing or name of the
nearest Authorized Distributor, contact a nearby
sales office or call:
TELEPHONE
1-800-537-6945 (USA)
1-800-737-3360 (Canada)
1-815-235-6847 (International)
FAX
1-815-235-6545 (USA)
INTERNET
www.honeywell.com/sensing
info@micro.honeywell.com


Similar Part No. - HOA1888-011

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-011 HONEYWELL-HOA1881-011 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-012 HONEYWELL-HOA1881-012 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-013 HONEYWELL-HOA1881-013 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1882 HONEYWELL-HOA1882 Datasheet
281Kb / 4P
   Transmissive Sensor
More results

Similar Description - HOA1888-011

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB856 OPTEK-OPB856 Datasheet
305Kb / 2P
   Wide Gap Optical Sensor
OPB856Z OPTEK-OPB856Z Datasheet
412Kb / 3P
   Wide Gap Optical Sensor
logo
TT Electronics.
OPB856Z TTELEC-OPB856Z Datasheet
739Kb / 3P
   Wide Gap Optical Sensor
logo
KODENSHI_AUK CORP.
SG268 KODENSHI-SG268 Datasheet
275Kb / 2P
   Wide GAP/
logo
Honeywell Accelerometer...
HOA2862-002 HONEYWELL-ACC-HOA2862-002 Datasheet
383Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA1873 HONEYWELL-HOA1873 Datasheet
300Kb / 4P
   Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
   Transmissive Sensor
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1887 HONEYWELL-HOA1887 Datasheet
312Kb / 4P
   Transmissive Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com