Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HOA1882-011 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HOA1882-011
Description  Transmissive Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HOA1882-011 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HOA1882-011 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HOA1882-011 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HOA1882-011 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HOA1882-011 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transmissive Sensor
HOA1882
DESCRIPTION
FEATURES
Choice of phototransistor or photodarlington
output
Compact package size
Dust protective housing
0.060 in.(1.52 mm)dia. detector aperture
0.200 in.(5.08 mm) slot width
The HOA1882 series consists of an infrared emitting
diode facing an NPN silicon phototransistor
(HOA1882- 011, - 012) or photodarlington
(HOA1882- 013) encased in a black IR transmissive
thermoplastic housing. Detector switching takes place
whenever an opaque object passes through the slot
between emitter and detector. The HOA1882 series
employs an IR transmissive housing which features
smooth optical faces without external aperture
openings; this feature is desirable when aperture
blockage from airborne contaminants is a possibility.
The HOA1882 series employs plastic molded
components. For additional component information see
SEP8506/8706, SDP8406, and SDP8106.
Housing material is IR transmissive polysulfone.
Housings are soluble in chlorinated hydrocarbons and
ketones. Recommended cleaning agents are methanol
and isopropanol.
.020(0.51) SQ.
A
K
E
C
.250(6.36)
.125(3.18)
.100(2.54)
.050(1.27)
.510(12.95)
.200(5.08)
.150(3.81)
.400(10.16)
.300(7.62) MIN
.050(1.27)
.270(6.86)
.200(5.08)
CL
OPTICAL
DIM_053.cdr
INFRA-25.TIF
OUTLINE DIMENSIONS in inches (mm)
3 plc decimals
±0.010(0.25)
Tolerance
2 plc decimals
±0.020(0.51)
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
318


Similar Part No. - HOA1882-011

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA1882 HONEYWELL-ACC-HOA1882 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
HOA1882 HONEYWELL-HOA1882 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - HOA1882-011

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA2862-002 HONEYWELL-ACC-HOA2862-002 Datasheet
383Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA1873 HONEYWELL-HOA1873 Datasheet
300Kb / 4P
   Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
   Transmissive Sensor
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1887 HONEYWELL-HOA1887 Datasheet
312Kb / 4P
   Transmissive Sensor
HOA1886 HONEYWELL-HOA1886 Datasheet
278Kb / 4P
   Transmissive Sensor
HOA1883 HONEYWELL-HOA1883 Datasheet
284Kb / 4P
   Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0881-L55 HONEYWELL-ACC-HOA0881-L55 Datasheet
442Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA1874 HONEYWELL-HOA1874 Datasheet
303Kb / 4P
   Transmissive Sensor
HOA1875 HONEYWELL-HOA1875 Datasheet
306Kb / 4P
   Transmissive Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com