Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS4053CEE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PS4053CEE
Description  17V CMOS Analog Multiplexers/Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4053CEE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PS4053CEE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4053CEE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4053CEE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4053CEE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4053CEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4053CEE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4053CEE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4053CEE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4053CEE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PS8461
02/16/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
Figure 3. Break-Before-Make Interval
Figure 4. Charge Injection
Figure 5. Off Isolation
Figure 6. Crosstalk
V+
V+
COM
GND
INH
V-
V-
10nF
10nF
NO0
NO1
NO7
ADD
VOUT
RL = 509
VOUT
VIN
VIN
R = 1k
9
RG = 509
CROSSTALK = 20log
~
PS4051
PS4052
50
9


Similar Part No. - PS4053CEE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS40 VISHAY-PS40 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS40 VISHAY-PS40 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
PS40-102G-NAM COPAL-PS40-102G-NAM Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS40-102G-NAR COPAL-PS40-102G-NAR Datasheet
90Kb / 4P
   PRESSURE SWITCHES
More results

Similar Description - PS4053CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
   Precision, 17V Analog Switches
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com