Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS4052 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PS4052
Description  17V CMOS Analog Multiplexers/Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4052 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PS4052 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
PS8461
02/16/00
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
ti
n
U
h
c
ti
w
S
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
VV
e
c
n
a
t
si
s
e
R
n
OR N
O
I O
N
,
A
m
1
=
V M
O
C
,
V
5
.
3
=
V
5
.
4
=
+
V
5
25
2
15
2
2
ll
u
F0
8
2
e
g
a
k
a
e
L
ff
O
-
O
N
t
n
e
rr
u
C
)
8
(
I
)
F
F
O
(
O
N
V O
N
,
V
0
=
V M
O
C
V
5
.
5
=
+
V
,
V
5
.
4
=
5
21
.
0
–0
5
ll
u
F0
1
–0
0
1
e
g
a
k
a
e
L
ff
O
-
M
O
C
t
n
e
rr
u
C
)
8
(
I
)
F
F
O
(
M
O
C
,
V
5
.
5
=
+
V
V M
O
C
,
V
5
.
4
=
V O
N
r
o
,
V
0
=
V M
O
C
,
V
0
=
V O
N
V
5
.
4
=
1
5
0
4
S
P
5
21
–0
5
ll
u
F0
1
–0
0
1
2
5
0
4
S
P
3
5
0
4
S
P
5
21
–0
5
ll
u
F5
–0
0
1
e
g
a
k
a
e
L
n
O
-
M
O
C
t
n
e
rr
u
C
)
8
(
I
)
N
O
(
M
O
C
V M
O
C
V
=
O
N
,
V
5
.
4
=
V
5
.
5
=
+
V
1
5
0
4
S
P
5
21
–0
5
ll
u
F0
1
–0
0
1
2
5
0
4
S
P
3
5
0
4
S
P
5
21
–0
5
ll
u
F0
1
–0
0
1
t
u
p
n
I
c
i
g
o
L
l
a
ti
g
i
D
e
g
a
tl
o
V
t
u
p
n
I
h
g
i
H
ci
g
o
LV H
A
V
, H
I
ll
u
F
4
.
2
V
e
g
a
tl
o
V
t
u
p
n
I
w
o
L
ci
g
o
LV L
A
V
, LI
8
.
0
t
u
p
n
I
h
ti
w
t
n
e
rr
u
C
t
u
p
n
I
w
o
L
r
o
h
g
i
H
e
g
a
tl
o
V
I H
I
I
, LI
VA V
= I
V
0
,
+
V
=1
–1
µA
y
l
p
p
u
S
t
n
e
rr
u
C
y
l
p
p
u
S
-
e
v
it
i
s
o
P+
IVA V
= I
+
V
r
o
V
0
=
5
20
.
1
–0
.
1
µA
ll
u
F0
1
Electrical Characteristics - Single 5V Supply
(V+ = +5V ±10%, V– = 0V, GND = 0V, VAH = VIH = 2.4V, VAL = VIL = 0.8V)


Similar Part No. - PS4052

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS40 VISHAY-PS40 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS40 VISHAY-PS40 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
PS40-102G-NAM COPAL-PS40-102G-NAM Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS40-102G-NAR COPAL-PS40-102G-NAR Datasheet
90Kb / 4P
   PRESSURE SWITCHES
More results

Similar Description - PS4052

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
   Precision, 17V Analog Switches
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com