Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2493FH Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN2493FH
Description  Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN2493FH Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN2493FH Datasheet HTML 3Page - Panasonic Semiconductor AN2493FH Datasheet HTML 4Page - Panasonic Semiconductor AN2493FH Datasheet HTML 5Page - Panasonic Semiconductor AN2493FH Datasheet HTML 6Page - Panasonic Semiconductor AN2493FH Datasheet HTML 7Page - Panasonic Semiconductor AN2493FH Datasheet HTML 8Page - Panasonic Semiconductor AN2493FH Datasheet HTML 9Page - Panasonic Semiconductor AN2493FH Datasheet HTML 10Page - Panasonic Semiconductor AN2493FH Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ICs for VCR
AN2493FH
7
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Dropout detection on level
VDOC
Input at pin 57, f
= 5 MHz
−17
−12
−7dB
Dropout detection off hysteresis
∆V
DOC
Input at pin 57, f
= 5 MHz
1
4
10
dB
Dropout detection ENV off
VDOCH
Input at pin 57, f
= 5 MHz
5
8
11
H
Dropout detection output
VP21H
Pin 21 output, pin 57 input
2.8

V
high-level
Dropout detection output
VP21L
Pin 21 output, pin 57 input

0.4
V
low-level
Noise canceller frequency
fNC11
Output ratio of 1 MHz to 50 kHz
−3
− 0.3
0.5
dB
characteristics 1
at input 0 dB, NC1 mode
Noise canceller frequency
fNC12
Output ratio of 1 MHz to 50 kHz
−3.5 − 0.8
0.5
dB
characteristics 2
at input
−10 dB, NC1 mode
Noise canceller frequency
fNC13
Output ratio of 1 MHz to 50 kHz
−6
−2.3
0
dB
characteristics 3
at input
−20 dB, NC1 mode
Noise canceller frequency
fNC14
Output ratio of 1 MHz to 50 kHz
−10
−6.5
−3.0
dB
characteristics 4
at input
−30 dB, NC1 mode
NC off mode
fNCOFF
Output ratio of 1 MHz to 50 kHz at
−10
−6.5
−3.0
dB
input
−30 dB, NC1 mode and NC off
Clip comp. limiter level
VCL
Pin 41 output, pin 63 input
45
70
95
mV
Line noise canceller frequency
fLNC1
Input 0 dB
−2.2 − 0.2
1.8
dB
characteristics 1
Line noise canceller frequency
fLNC2
Input
−30 dB
−15.0 −8.5
−3.0
dB
characteristics 2
Line noise canceller (off)
fLN3
Input
−30 dB
−1.5
0
1.5
dB
C-BPF frequency characteristics 1
fBP1
Output ratio of 4.13 MHz to
−2.5 − 0.5
1.5
dB
4.43 MHz at input 100 mV[p-p]
C-BPF frequency characteristics 2
fBP2
Output ratio of 4.73 MHz to
−2.5 − 0.5
1.5
dB
4.43 MHz at input 100 mV[p-p]
C-BPF frequency characteristics 3
fBP3
Output ratio of 2.93 MHz to

−20
dB
4.43 MHz at input 100 mV[p-p]
C-BPF
+HPF frequency
fBP4
Output ratio of 5.93 MHz to

−18
dB
characteristics 4
4.43 MHz at input 100 mV[p-p]
REC APC pull-in range 1
+∆f
SC
Pin 4 output (designated Xtal),
275

Hz
at input fSC +300 Hz
REC APC pull-in range 2
−∆f
SC
Pin 4 output (designated Xtal),

−275
Hz
at input fSC −300 Hz
Xtal output amplitude
VFSC
Pin 4 output at lock (designated Xtal)
320
520
720
mV[p-p]
Xtal oscillation frequency
fSC
Frequency deviation of pin 4 at PB
−50
50
Hz
s Electrical Characteristics at Ta = 25°C (continued)


Similar Part No. - AN2493FH

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
   HUMAN INTERFACE DEVICE TUTORIAL
logo
STMicroelectronics
AN2491 STMICROELECTRONICS-AN2491 Datasheet
154Kb / 32P
   STW8110x hardware component layer API guide
logo
Panasonic Semiconductor
AN2492FH PANASONIC-AN2492FH Datasheet
236Kb / 23P
   Luminance and chrominance signal processing circuit for 8 mm video (NTSC)
logo
STMicroelectronics
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
   The purpose of this application note is to explain the design
More results

Similar Description - AN2493FH

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN2492FH PANASONIC-AN2492FH Datasheet
236Kb / 23P
   Luminance and chrominance signal processing circuit for 8 mm video (NTSC)
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
logo
Panasonic Semiconductor
AN5625N PANASONIC-AN5625N Datasheet
180Kb / 3P
   TV PAL/NTSC/M-NTSC CHROMINANCE-SIGNAL PROCESSING IC
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
logo
Sanyo Semicon Device
LA75691 SANYO-LA75691 Datasheet
267Kb / 13P
   IF Signal-Processing IC for PAL/NTSC Multichannel Audio TV and VCR Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com