Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4646EUT-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4646EUT-T
Description  Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4646EUT-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4646EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX4646EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX4646EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX4646EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4646EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4646EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4646EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4646EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4646EUT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX4645/MAX4646 single-pole, single-throw (SPST)
analog switches feature a 2.5
Ω typical on-resistance
(RON) from a +5V supply. RON is flat (0.4
Ω max) over the
specified signal range. Each switch can handle Rail-to-
Rail® analog signals. Off-leakage current is 0.25nA max at
+25°C. These analog switches are ideal in low-distortion
applications and are the preferred solution over mechani-
cal relays in automated test equipment or applications
where current switching is required. They have low power
requirements, require less board space, and are more
reliable than mechanical relays.
These switches operate from a +1.8V to +5V single sup-
ply, making them ideal for use in battery-powered applica-
tions. The MAX4645/MAX4646 have fast switching speeds
of 12ns turn-on time (tON) and 8ns turn-off time (tOFF).
The MAX4645 is a normally open (NO) switch, and the
MAX4646 is a normally closed (NC) switch. Both are
available in 5-pin SOT23, 6-pin SOT23, and 8-pin µMAX
packages.
________________________Applications
Battery-Powered Systems
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Communications Circuits
Relay Replacement
____________________________Features
o +1.8V to +5V Single-Supply Operation
o Guaranteed RON
2.5
Ω max (5V supply)
3.5
Ω max (3V supply)
o 1.8V Operation
RON 30
Ω typ Over Temperature
tON 40ns typ, tOFF 20ns typ
o Low RON Flatness: 0.4Ω max
o Guaranteed Low Leakage Currents
±0.25nA at +25°C
o Rail-to-Rail Output Capability
o TTL/CMOS-Logic Compatible
o -75dB Off-Isolation at 1MHz
o Low Distortion: 0.014% typ
Fast, Low-Voltage, 2.5
Ω, SPST,
CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
19-1653; Rev 1; 7/00
Ordering Information
Pin Configurations/Functional Diagrams/Truth Tables
µMAX/SO/DIP
PIN 5
5
XYZA
4
123
NOTE: SOT23-5 PACKAGE
HAS LETTERING NEAREST PIN 5.
TOP VIEW
IN
GND
1
5
V+
COM
MAX4645
2
3
4
SOT23-5
INPUT
0
1
SWITCH STATE
MAX4645
OFF
ON
MAX4646
ON
OFF
SWITCHES SHOWN FOR LOGIC 0 INPUT.
NO
µMAX/SO/DIP
IN
GND
1
5
V+
COM
MAX4646
2
3
4
SOT23-5
NC
MAX4645EUT-T
-40°C to +85°C
PART
TEMP. RANGE
MAX4645EUK-T
-40°C to +85°C
MAX4646EUK-T
-40°C to +85°C
MAX4646EUT-T
-40°C to +85°C
MAX4646EUA
-40°C to +85°C
MAX4645EUA
-40°C to +85°C
8 µMAX
6 SOT23-6
5 SOT23-5
8 µMAX
6 SOT23-6
5 SOT23-5
PIN-
PACKAGE
AAHM
ADOC
AAHL
ADOB
TOP
MARK
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Pin Configurations/Functional Diagrams/
Truth Tables continued at end of data sheet.


Similar Part No. - MAX4646EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4646EUT-T MAXIM-MAX4646EUT-T Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
More results

Similar Description - MAX4646EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4601 MAXIM-MAX4601 Datasheet
194Kb / 12P
   2.5?? Quad, SPST, CMOS Analog Switches
Rev 0; 1/99
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com