Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4645 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4645
Description  Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4645 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4645 Datasheet HTML 1Page - Maxim Integrated Products MAX4645 Datasheet HTML 2Page - Maxim Integrated Products MAX4645 Datasheet HTML 3Page - Maxim Integrated Products MAX4645 Datasheet HTML 4Page - Maxim Integrated Products MAX4645 Datasheet HTML 5Page - Maxim Integrated Products MAX4645 Datasheet HTML 6Page - Maxim Integrated Products MAX4645 Datasheet HTML 7Page - Maxim Integrated Products MAX4645 Datasheet HTML 8Page - Maxim Integrated Products MAX4645 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Fast, Low-Voltage, 2.5
Ω, SPST,
CMOS Analog Switches
2
_______________________________________________________________________________________
V+, VIN to GND ...........................................................-0.3 to +6V
COM, NO, NC to GND (Note 1)....................-0.3V to (V+ + 0.3V)
Continuous Current (any terminal)....................................±50mA
Peak Current COM, NO, NC
(pulsed at 1ms 10% duty cycle)................................±100mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above+70°C)............571mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)...........696mW
8-Pin µMAX (derate 4.1mW/°C above+70°C) .............330mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = 4.5V to 5.5V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise specified.) (Notes 2, 3)
Note 1: Signals on NO, NC, or COM, exceeding V+ or GND are clamped by internal diodes. Limit forward current to maximum current
rating.
TA = +25°C
Turn-Off Time (Note 5)
tOFF
810
ns
TA = +25°C
VIN_ = 0.8V or 2.4V
-0.35
0.35
TA = TMIN to TMAX
TA = +25°C
0.6
TA = TMIN to TMAX
TA = +25°C
3
TA = +25°C
ICOM = 10mA,
VNO or VNC = 0 to V+,
V+ = 4.5V
-0.35
0.35
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Turn-On Time (Note 5)
tON
12
15
ns
VNO, VNC = 3V, RL = 300
Ω,
CL = 35pF, Figure 2
VNO, VNC = 3V, RL = 300
Ω,
CL = 35pF, Figure 2
Logic Input Current
IIN
-0.1
0.005
0.1
µA
12
Input Logic Low
VIL
0.8
V
TA = TMIN to TMAX
Input Logic High
VIH
2.4
V
18
TA = TMIN to TMAX
COM On-Leakage Current
(Notes 5, 6)
ICOM(ON)
-0.25
0.01
0.25
nA
COM Off-Leakage Current
(Notes 5, 6)
ICOM(OFF)
-0.25
0.01
0.25
nA
TA = TMIN to TMAX
TA = +25°C
-0.35
0.35
TA = TMIN to TMAX
TA = +25°C
Off-Leakage Current
(NO or NC) (Notes 5, 6)
INO(OFF),
INC(OFF)
-0.25
0.01
0.25
nA
VCOM = 1V, 4.5V;
VNO or VNC = 4.5V, 1V;
V+ = 5.5V
On-Resistance Flatness
(Note 4)
RFLAT(ON)
0.1
0.4
ICOM = 10mA,
VNO or VNC = 0 to V+,
V+ = 4.5V
COM to NO or NC
On-Resistance
RON
1.5
2.5
TA = TMIN to TMAX
Input Voltage Range
VCOM,
VNO, VNC
0V+
V
VCOM = 1V, 4.5V;
VNO or VNC = 4.5V, 1V;
V+ = 5.5V
ANALOG SWITCH
SWITCH DYNAMIC CHARACTERISTICS
V+ = 5.5V; VCOM = 4.5V,
1V; VNO or VNC = 4.5V,
1V, or floating
LOGIC INPUT


Similar Part No. - MAX4645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4645EUA MAXIM-MAX4645EUA Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4645EUK-T MAXIM-MAX4645EUK-T Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4645EUT-T MAXIM-MAX4645EUT-T Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
More results

Similar Description - MAX4645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4601 MAXIM-MAX4601 Datasheet
194Kb / 12P
   2.5?? Quad, SPST, CMOS Analog Switches
Rev 0; 1/99
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com