Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4151W-V-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N4151W-V-GS08
Description  Small Signal Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4151W-V-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  1N4151W-V-GS08 Datasheet HTML 1Page - Vishay Siliconix 1N4151W-V-GS08 Datasheet HTML 2Page - Vishay Siliconix 1N4151W-V-GS08 Datasheet HTML 3Page - Vishay Siliconix 1N4151W-V-GS08 Datasheet HTML 4Page - Vishay Siliconix 1N4151W-V-GS08 Datasheet HTML 5Page - Vishay Siliconix 1N4151W-V-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1N4151W-V
Document Number 85721
Rev. 1.2, 06-Apr-05
Vishay Semiconductors
www.vishay.com
1
17431
Small Signal Fast Switching Diode
Features
• Silicon Epitaxial Planar Diode
• Fast switching diode
• This diode is also available in other case
styles including the DO-35 case with the type des-
ignation 1N4151, and the MiniMELF case with the
type designation LL4151.
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD-123 Plastic case
Weight: approx. 9.3 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1)Valid provided that electrodes are kept at ambient temperature.
Part
Ordering code
Marking
Remarks
1N4151W-V
1N4151W-V-GS18 or 1N4151W-V-GS08
A5
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
50
V
Peak reverse voltage
VRM
75
V
Average rectified current half
wave rectification with resistive
load
Tamb = 25 °C and f ≥ 50 Hz
IF(AV)
1501)
mA
Surge current
t < 1 s and Tj = 25 °C
IFSM
500
mA
Power dissipation
Tamb = 25 °C
Ptot
4101)
mW
e3


Similar Part No. - 1N4151W-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V_12 Datasheet
70Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.3, 17-Aug-10
More results

Similar Description - 1N4151W-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com