Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC92071L6MR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC92071L6MR
Description  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC92071L6MR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC92071L6MR Datasheet HTML 7Page - Torex Semiconductor XC92071L6MR Datasheet HTML 8Page - Torex Semiconductor XC92071L6MR Datasheet HTML 9Page - Torex Semiconductor XC92071L6MR Datasheet HTML 10Page - Torex Semiconductor XC92071L6MR Datasheet HTML 11Page - Torex Semiconductor XC92071L6MR Datasheet HTML 12Page - Torex Semiconductor XC92071L6MR Datasheet HTML 13Page - Torex Semiconductor XC92071L6MR Datasheet HTML 14Page - Torex Semiconductor XC92071L6MR Datasheet HTML 15Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
XC9206 / 9207/ 9208 Series
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
" OPERATIONAL EXPLANATION (Continued)
< U.V.L.O. Circuit>
< Function of CE/MODE pin >
# XC9206A / 07A series - Examples of how to use CE/MODE pin
(A)
(B)
(A)
(B)
# XC9208A series - Examples of how to use CE/MODE pin
(A)
(B)
(A)
(B)
Intermediate voltage can be generated by RM1 and RM2. Please set the value of each R1, R2, RM1, RM2 at around 100k
Ω.
For switches, CPU open-drain I/O port and transistor can be used.
< PWM / PFM >
When the VIN pin voltage becomes 1.4 V or lower, the P-channel output driver transistor is forced OFF to prevent false pulse output caused by unstable
operation of the internal circuitry. When the VIN pin voltage becomes 1.8 V or higher, switching operation takes place. By releasing the U.V.L.O.
function, the IC performs the soft start function to initiate output startup operation. The soft start function operates even when the VIN pin voltage falls
momentarily below the U.V.L.O. operating voltage. The U.V.L.O. circuit does not cause a complete shutdown of the IC, but causes pulse output to be
suspended; therefore, the internal circuitry remains in operation.
The XC9206/9207/9208 series will enter into shut down state by inputting a low level signal to the CE/MODE pin. During a shut down state, the current
consumption of the IC becomes 0
µA (TYP.), with a state of high impedance at the Lx pin and VOUT pin. The IC starts its operation by inputting a high
level signal to the CE/MODE pin. The input of the CE/MODE pin is a CMOS input and the sink current is 0
µA (TYP.).
Chip Disable
PWM control (XC9206), PWM/PFM automatic switching control (XC9207)
SW_CE
ON
OFF
STATUS
SW_CE
STATUS
ON
PWM control (XC9206), PWM/PFM automatic switching control (XC9207)
*
ON
Synchronous PWM control
OFF
Chip Disable
SW_CE
ON
STATUS
OFF
OFF
Synchronous PWM control
Chip Disable
ON
*
OFF
ON
Non-synchronous PWM/PFM automatic switching control
SW_CE SW_PMW/PFM
STATUS
OFF
OFF
Non-synchronous PWM/PFM automatic switching control
Chip Disable
OFF
SW_PMW/PFM
XC9207/9208 series features PWM/PFM automatic switching control.
With the automatic PWM/PFM switching control function, the series ICs are automatically switched from PWM control to PFM control mode under light
load conditions. If during light load conditions the coil current becomes discontinuous and on-time rate falls lower than PFM duty, the PFM circuit
operates to output a pulse with a fixed on-time rate from the Lx pin. During PFM operation with this fixed on-time rate, pulses are generated at different
frequencies according to conditions of the moment. This causes a reduction in the number of switching operations per unit of time, resulting in
efficiency improvement under light load conditions. However, since pulse output frequency is not constant, consideration should be given if a noise
filter or the like is needed. Necessary conditions for switching to PFM operation depend on input voltage, load current, coil value and other factors.
Semiconductor Ltd.
CE/ MODE
VIN
VDD
R1
SW_CE
CE/ MODE
VIN
VDD
R2
SW_CE
CE/MODE
VIN
VDD
RM1
SW _ PW M/ PFM
RM2
SW_CE
CE/ MODE
VIN
VDD
RM1
SW_ PWM/PFM
RM2
SW_CE
Data Sheet
11


Similar Part No. - XC92071L6MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9207 TOREX-XC9207 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results

Similar Description - XC92071L6MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com