Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111E341A Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R3111E341A
Description  LOW VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111E341A Datasheet(HTML) 2 Page - RICOH electronics devices division

  R3111E341A Datasheet HTML 1Page - RICOH electronics devices division R3111E341A Datasheet HTML 2Page - RICOH electronics devices division R3111E341A Datasheet HTML 3Page - RICOH electronics devices division R3111E341A Datasheet HTML 4Page - RICOH electronics devices division R3111E341A Datasheet HTML 5Page - RICOH electronics devices division R3111E341A Datasheet HTML 6Page - RICOH electronics devices division R3111E341A Datasheet HTML 7Page - RICOH electronics devices division R3111E341A Datasheet HTML 8Page - RICOH electronics devices division R3111E341A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev.1.10
- 2 -
s TIMING CHART
tPLH
Supply Voltage
Output Voltage
(OUT)
Minimum Operating Voltage
VSS
VSS
Detector Threshold
Hysteresis
(VDD)
Release Voltage +VDET
Detector Threshold -VDET
s DEFINITION OF OUTPUT DELAY TIME
Output Delay Time tPLH is defined as follows:
1.
In the case of Nch Open Drain Output:
Under the condition of the output pin (OUT) is pulled up through a resistor of 470k
Ω to 5V, the time interval between the
rising edge of VDD pulse from 0.7V to (+VDET)+ 2.0V and becoming of the output voltage to 2.5V.
2.
In the case of CMOS Output:
The time interval between the rising edge of VDD pulse from 0.7V to (+VDET)+ 2.0V and becoming of the output voltage to
(VDD/2) V.
+VDET + 2.0V
5.0V
2.5V
0.7V
Input Voltage
(VDD)
Output Voltage
GND
GND
tPHL
tPLH
+VDET + 2.0V
+VDET+2.0V
+VDET+2.0V
0.7V
Input Voltage
(VDD)
Output Voltage
GND
2
GND
tPHL
tPLH
Nch Open Drain Output
CMOS Output


Similar Part No. - R3111E341A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111E361A RICOH-R3111E361A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E361A-T1 RICOH-R3111E361A-T1 Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E361A-TR RICOH-R3111E361A-TR Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E361A-TZ RICOH-R3111E361A-TZ Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111E361C RICOH-R3111E361C Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111E341A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com