Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN2458SH Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN2458SH
Description  Color Encoder IC NTSC/PAL for CCD Video Camera
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 2 page
background image
ICC
V5
VCC=4.8V, VREF=1.8V
VCC=4.8V, VREF=1.8V
diffrence from VREF
1.8
2.3
2.8
V
V11
VCC=4.8V, VREF=1.8V
Terminal voltage Pin11
Supply current
Terminal voltage Pin5
12.0
–100
16.0
0
20.0
100
mA
mV
Parameter
min
Condition
typ
max
Unit
Symbol
VTH (CP2–1)
VCC=4.8V, VREF=1.8V
2.0
2.4
2.8
V
VTH (CP2–2)
VCC=4.8V, VREF=1.8V
CP2 threshold 2
CP2 threshold 1
1.5
1.8
2.1
V
1.9
2.2
2.5
V
VTH (BLK)
VCC=4.8V, VREF=1.8V
BLK threshold
V20
VCC=4.8V, VREF=1.8V
diffrence from VREF
Terminal voltage Pin20
–100
0
100
mV
GV1
VCC=4.8V, VREF=1.8V
250mVP–P input
R–Y GAIN
480
600
720
mVP–P
GV2
VCC=4.8V, VREF=1.8V
250mVP–P input
B–Y GAIN
–7.0
–5.5
–3.5
dB
GV3
VCC=4.8V, VREF=1.8V
600mVP–P input
CHROMA CLIP
0.5
3.0
4.5
dB
GV4
VCC=4.8V, VREF=1.8V
250mVP–P input
BLK=3VOP
BLK CONTROL
300
600
900
mVP–P
GV5
VCC=4.8V, VREF=1.8V
V9=VREF
BURST GC (1)
290
350
430
mVP–P
GV6
VCC=4.8V, VREF=1.8V
V9=VREF
±0.5V
BURST GC (2)
1.5
3.0
4.5
dB
GV7
VCC=4.8V, VREF=1.8V
V9=VREF–0.5V
BURST GC (3)
–6.0
–4.5
–2.5
dB
θ1
VCC=4.8V, VREF=1.8V
V19=VREF+0.5V
BURST PHASE (1)
–45
–30
–15
deg
θ2
VCC=4.8V, VREF=1.8V
V19=VREF–0.5V
BURST PHASE (2)
01530
deg
s Electrical Characteristics (Ta=25
±2˚C)
Parameter
Symbol
Rating
Unit
VCC
ICC
PD
Topr
Tstg
25
120
–20 to +75
–55 to +125
Supply voltage
Supply current
Power dissipation
Operating ambient temperature Note 1)
Storage temperature Note 1)
5.5
V
mW
mA
˚C
˚C
Note 1) Ta=25˚C except operating ambient temperature and storage temperature.
s Absolute Maximum Ratings
Parameter
Symbol
Range
Operating supply voltage range
VCC
4.6V to 5.0V
s Recommended Operating Range (Ta=25˚C)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICX059CKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Camera 1 2 3 4 5 MoreSony Corporation
CXA1592QEncoder for CCD Color Camera 1 2 3 4 5 MoreSony Corporation
ICX058CKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Camera 1 2 3 4 5 MoreSony Corporation
ICX058CLDiagonal 6mm Type 1/3 CCD Image Sensor for EIA Black-and-White Video Camera 1 2 3 4 5 MoreSony Corporation
ICX087AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX228AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX258AKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX428AKLDiagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX059AK1/3-inch CCD Image Sensor for PAL Color Camera 1 2 3 4 5 MoreSony Corporation
ICX055BKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl