Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN2458SH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN2458SH
Description  Color Encoder IC NTSC/PAL for CCD Video Camera
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
s Overview
The AN2458SH is a color encoder IC for NTSC/
PAL-compatible CCD video camera. It outputs chro-
ma signal after modulation of inputted R–Y and B–Y
color difference signals with subcarrier signals.
s Features
• Compatible with NTSC and PAL
• Carrier leak adjustment available
• Built-in blanking circuit
• Color phase adjustment available
• Improved temperature characteristics of color phase
shift (within
±5˚C)
AN2458SH
Color Encoder IC (NTSC/PAL) for CCD Video Camera
s Block Diagrams
5.5
±0.3
7.5
±0.3
(0.5)
1
12
24
13
Unit:mm
24-Pin SSOP Package (SSOP024-P-0300)
24
23
22
21
20
19
18
17
16
15
14
13
12345
6
7
8
9
10
11
12
B–Y IN
GND
B–Y
OFF
B–Y
SC
90.
ADJ
HUE.C
HUE.
CR
BURST
LEVEL
NC
CHROMA
OUT
HUE.R
HUE
MOD
GC
BLK
Lim.
DC Cont.
CP2
BLK
VCC
CP2
NC
VCC
CP2. IN
BLK. IN
DC.
Cont. C
BF IN
HUE
Cont.
R–Y SC
R–Y
OFF
R–Y IN
VREF
VREF
NC
MOD
Clamp
Clamp
MOD
CP2
NC
GC
+
+
+
BLK




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICX059CKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Camera 1 2 3 4 5 MoreSony Corporation
CXA1592QEncoder for CCD Color Camera 1 2 3 4 5 MoreSony Corporation
ICX058CKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Camera 1 2 3 4 5 MoreSony Corporation
ICX058CLDiagonal 6mm Type 1/3 CCD Image Sensor for EIA Black-and-White Video Camera 1 2 3 4 5 MoreSony Corporation
ICX087AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX228AKDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX258AKDiagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX428AKLDiagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
ICX059AK1/3-inch CCD Image Sensor for PAL Color Camera 1 2 3 4 5 MoreSony Corporation
ICX055BKDiagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Cameras 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl