Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2146FHP Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN2146FHP
Description  CCD Video Camera Signal Processor ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN2146FHP Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AN2146FHP Datasheet HTML 1Page - Panasonic Semiconductor AN2146FHP Datasheet HTML 2Page - Panasonic Semiconductor AN2146FHP Datasheet HTML 3Page - Panasonic Semiconductor AN2146FHP Datasheet HTML 4Page - Panasonic Semiconductor AN2146FHP Datasheet HTML 5Page - Panasonic Semiconductor AN2146FHP Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
s Block Diagram (AN2147FHP)
N
N
N
N
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SP1
SP2
0.8V
157ns
0.8V
157ns
0.1
µF
+
33
µF
330k
3.3k
3.3k
CADC
CONT
typ.500mV
CDS
SIG
0.1
µF
YADC
CONT
3.3k
3.3k
230k
+
33
µF
22k
typ.
3.3V
0.1
µF
YAGC
OUT
MC
CONT
typ.500mV
1.5V
0.1
µF
GAM IN
KNEE
typ. Opes
0.047
µF
YDC
CONT
2.5V
1.0V
CP2
CBLK
SSG
IN
typ.
600mVP–P
VREF
0.047
µF
1.8V
BDC
CONT
0.047
µF
BDC
CONT
HIGH CLIP
typ.2.8V
GAM OUT
22k
typ.
±500mV
2.2V
BT OUT
SUPP
CONT
33
µF
SUPPSET
typ. VREF
Y
typ.
±500mV
2.2V
R–Y OUT
WBLK IN
1.0V
0V
36k
BLK
OUT
typ. 500mV
typ. 500mV
1.8V IRISOUT
1.0V
2.2
µF
SW
FADE
typ.(Black)1
1.0V
R–Y
GAIN
typ.
VREF
FADE IN
typ. 3.3V
(Through)
FADE
OUT
B–Y
GAIN
typ.
VREF
1.8V
typ.
±660mV
VAP
IN
2.2
µF
0.22
µF
HAP
IN
HAP
OUT
30k
SYNC IN
DL IN
VREF
±400V
1.8V
±400V
1.8V
1.5V
1k
LPF
1.8V
1k
VREF
typ.
300mV
CHROMA
OUT
CHROMA
CLIP
typ.
VREF±1.0V
2.5V
±1000mV
0.01
µF
CHROMA
IN
1.0V
±750mV
VCC
4.6V
Y
VREF
1.8V
0.1
µF
0.1
µF
0.1
µF
R–Y IN
B–Y IN
C GAM CONT
2.7V
EDGE TEST
PCD3CT
typ. VREF
SYNC
300mV
PED
50mV
Y OUT
0.1
µF
Y IN
HICLIP
±850mV
1.7V
+
PED
BLK
(CBLK)
CLANP
(CP3)
typ.
±500mV
typ.
VREF
R–Y
MAT
RG OUT
typ.
VREF
B–Y
MAT
typ.
±500mV
1.85V
1.85V
BG OUT
CPOB PBLK
DRIVF
IN
CPOB
P BLK
2.5V
1.0V
1.0V
FH/2
VCC
4.6V
typ.
300mV
1.5V
typ.
2.0V
10
µF
CY1 IN
CY1
GAIN
CY1OUT
YE1OUT
2.0V
2.0V
typ.500mV
typ.500mV
1.5V
typ.
300mV
YE1 GAIN
typ. 2.0V
5.6k
Ω × 4
10
µF
YE1IN
GAIN
typ.
VREF
YE+G
CY+MG
YE+G
typ.
VREF
typ.
VREF
GAIN
CY+G
BWB
0.1
µF
0.1
µF
YE2IN
CY2IN
CY+G
YE+MG
1H DL
BUFF
ATT
1H DL
BUFF
ATT
22k
Ω × 4
0.1
µF
CY0IN
CY
YE
typ.
Vref
RWB
0.1
µF
1.8V
YE0IN
VAPOUT
CYOUT
30k
YEOUT
VAPTEST
2.4V
±1000mV
1.8V
typ.500mV
CADC
CONT
S/H
LPF
CADC
S/H
LPF
C
(–3dB at 1MHz)
(200ns)
YDL
YAGC
YADC
CONT
CLAMP
(CP2)
Y
GAMMA
(CP2)
BLK
(P BLK)
CLAMP
(CP2)
CP2 CBLK
CLAMP
(CPOB)
VCC
4.6V
VREF
1.8V
BLK
(P.BLK)
CLAMP
(CPOB)
BLK
(P.BLK)
CLAMP
(CPOB)
BLK
(P.BLK)
CLAMP
(CPOB)
BLK
(P.BLK)
(–3dB at 1MHz)
LPF
GAMMA
GAMMA
(
)
+
Det.
HPF
HPF
+
R WB
B WB
DL
(320ns)
GAMMA
GATE
BLK
(P BLK)
Det.
CLAMP
(CPOB)
B/W
(P BLK)
OR
DCCONT
(CP2)
FADE
LPF
BLK
(CF1B)
CLAMP
(CPOB)
CLAMP
(CPOB)
CLAMP
(CPOB)
FADE
LPF
BLK
(CF1 B)
(–3dB at 1MHz)
(–3dB at 1MHz)
DCCONT
(CP2)
+
FADE
Y
(10ns)
(120ns)
(120ns)
YDDL
DL
DL
HAP
IRIS
IN
(–3dB at 1MHz)
26dB
26dB
FH/2
LOW
+
+
+
8.2dB
+
H1GH
CUT
CY+G
GAIN
YE+G
GAIN
GAIN
CONT
GAIN
CONT
GAIN
CONT
GAIN
CONT
FH/2
CONT
PULSE
SEPA
1.8V
VREF
9dB
Amp.
DC
CONT
PULSE
REPA
R–Y
Amp.
γ .HC
EDGE
GAIN
CONT
GAIN
CONT
B–Y
Amp.
γ .HC
EDGE
GAMMA
CONT
HIGH
CUT
HCLIP
LCLIP
BASE
CLIP
LOWLUMI
SUPP
HIGH
CLIP
FADE
CONT
SUPP
CONT


Similar Part No. - AN2146FHP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2146 STMICROELECTRONICS-AN2146 Datasheet
201Kb / 6P
   STR71xF Embedded Flash Programming with ADS
More results

Similar Description - AN2146FHP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
   CCD Monochrome Video Camera Signal Processor IC
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
logo
Sony Corporation
CXD3172AR SONY-CXD3172AR Datasheet
636Kb / 25P
   Signal Processor LSI for Single CCD Color Camera
CXD3142R SONY-CXD3142R Datasheet
1Mb / 58P
   Signal Processor LSI for Single-Chip CCD Color Camera
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
logo
Analog Devices
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
   CCD Signal Processor
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
   CCD Signal Processor
logo
Sony Corporation
CXD3152R SONY-CXD3152R Datasheet
322Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
logo
A1 PROs co., Ltd.
AI5152 A1PROS-AI5152 Datasheet
136Kb / 7P
   a high performance CCD image signal processor forcolor video camera. It includes MCU, timing generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com