Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9207153MR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9207153MR
Description  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9207153MR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9207153MR Datasheet HTML 3Page - Torex Semiconductor XC9207153MR Datasheet HTML 4Page - Torex Semiconductor XC9207153MR Datasheet HTML 5Page - Torex Semiconductor XC9207153MR Datasheet HTML 6Page - Torex Semiconductor XC9207153MR Datasheet HTML 7Page - Torex Semiconductor XC9207153MR Datasheet HTML 8Page - Torex Semiconductor XC9207153MR Datasheet HTML 9Page - Torex Semiconductor XC9207153MR Datasheet HTML 10Page - Torex Semiconductor XC9207153MR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
XC9206 / 9207/ 9208 Series
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
" ELECTRICAL CHARACTERISTICS
XC9206A33CMR, XC9207A33CMR, XC9208A33CMR
VOUT=3.3V, FOSC=1.2MHz, Ta=25
OC
VOUT=0V, When CE voltage is
(XC9206, XC9207)
Test condition : Unless otherwise stated, VIN = 5.0V
*1
Including Hysteresis operating voltage range.
*2
EFFI = [ (Output Voltage x Output Current) / (Input Voltage x Input Current) ] x 100
*3
On resistance = VLX (measurement voltage) / 0.4
*4
*5
CE=VIN, VOUT=0V,
Voltage which Lx pin voltage holding "L" level (*1)
-
-
VOUT
1.40
CONDITIONS
When connected to ext. components
500
(XC9208)
2.0
100
Maximum Duty Cycle
MAXDTY
1
Efficiency (*2)
EFFI
When connected to ext. components, CE=VIN, IOUT=100mA
-
92
Minimum Duty Cycle
MINDTY
CE=VIN, VOUT=0V
Supply Current 1
IDD1
Operating Voltage Range
VIN
U.V.L.O Voltage
VUVLO
Maximum Output Current
IOUTMAX
Output Voltage
MAX
UNIT
CIRCUIT
MIN
PARAMETER
SYMBOL
TYP
Stand-by Current
Istb
IDD2
CE=VIN, VOUT=fixed voltage x 1.1V
Supply Current 2
Oscillation Frequency
FOSC
PFM pulse width rate
PFMDTY
mA
%
4
Lx SW ON Resistance
RLx
CE=VIN, VOUT=0V, ILx=400mA (*3)
-
0.4
0.9
Current Limit
ILIM
4
CE "H" Voltage
VCEH
VPWMH
CE "L" Voltage
VCEL
VOUT=0V, When CE voltage is applied
Lx determine "L"
VPWML
PWM "H" Voltage
Time until it short-circuits VOUT with GND through 1
Ω of resistance from a state of operation and is set to VOUT=0V from current limit pulse
generating.
ms
1
12.0
ms
-0.1
0.8
When connected to ext. components
CE=0V
! VIN, IOUT=1mA
-0.1
1
1
-
6.0
5
5
-
5
VIN-0.3
-
-
V
VSS
-
0.3
V
PWM "L" Voltage
0.1
CE "H" Current
ICEH
TSS
CE=0V, VIN=5.5V, VOUT=0V
Soft start time
CE "L" Current
ICEL
The CE/MODE pin of the XC9208A series works also as an external PWM control and PWM/PFM control switching pin. When the IC is in
the operation, control is switched to the PWM mode when the CE/MODE pin voltage is equal to or greater than VIN minus 0.3 V, and to the
automatic PWM/PFM switching mode when the CE/MODE pin voltage is equal to or lower than VIN minus 1.0 V and equal to or greater
than VCEH.
Latch Time
Tlat
VIN=CE=5.0V, short VOUT by 1
Ω resistance (*5)
-
6
-
When connected to ext. components
CE=VIN=5.5V, VOUT=0V
When connected to ext. components (XC9208 only)
(XC9206, 9207)
When connected to ext. components
VIN=CE=5.0V, VOUT=0V
applied Lx determine "H"
(XC9208)
V
1
CE=VIN, IOUT=30mA
6.0
When connected to ext. components
3.234
3.300
3.366
1.8
-
-mA
1
V
1
6.0
1.78
V
2
CE=VIN, VOUT=fixed voltage x 0.9V
-
370
585
µA
3
1.00
3
CE=VSS, VOUT=fixed voltage x 1.1V
-0
1
µA
3
-
120
1.200
1.380
MHz
180
µA
1
CE=VIN, IOUT=30mA
When connected to ext. components
26
32
38
%
1
(XC9207, XC9208 only), CE=VIN, IOUT=1mA
1.020
%
2
CE=VOUT=VIN
-
-
0
%
2
-
-
600
-
5
0.9
-
VIN
1.2
-
VIN
V
When connected to ext. components (XC9208 only)
--
IOUT=1mA (*4)
IOUT=1mA (*4)
VIN-1.0
V
µA
-
0.1
µA
Semiconductor Ltd.
Data Sheet
7


Similar Part No. - XC9207153MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9207 TOREX-XC9207 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results

Similar Description - XC9207153MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com