Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC2300 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MC2300
Description  Technical Specifications for Brushless Servo Motion Control
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC2300 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MC2300 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 12Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 13Page - List of Unclassifed Manufacturers MC2300 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
MC2300 Technical Specifications
10
Introduction
This manual describes the operational characteristics of the MC2340, MC2320 and MC2310 Motion
Processors from PMD. These devices are members of PMD’s second-generation motion processor
family, which consists of 14 separate products organized into 5 series.
Each of these devices are complete chip-based motion processors. They provide trajectory
generation and related motion control functions. Depending on the type of motor controlled they
provide servo loop closure, on-board commutation for brushless motors, and high speed pulse and
direction outputs. Together these products provide a software-compatible family of dedicated
motion processors that can handle a large variety of system configurations.
Each of these chips utilize a similar architecture, consisting of a high-speed computation unit, along
with an ASIC (Application Specific Integrated Circuit). The computation unit contains special on-
board hardware that makes it well suited for the task of motion control.
Along with similar hardware architecture these chips also share most software commands, so that
software written for one chipset may be re-used with another, even though the type of motor may be
different.
Each chipset consists of two PQFP (Plastic Quad Flat Pack) ICs: a 100-pin Input/Output (I/O)
chip, and a 132-pin Command Processor (CP) chip.
The four different series in the Navigator family are designed for a particular type of motor or
control scheme. Here is a summary description of each series.
Family Summary
MC2100 Series (MC2140, MC2120, MC2110) – This series outputs motor commands in either
Sign/Magnitude PWM or DAC-compatible format for use with brushed servo motors, or with
brushless servo motors having external commutation.
MC2300 Series (MC2340, MC2320, MC2310) – This series outputs sinusoidally commutated
motor signals appropriate for driving brushless motors. Depending on the motor type, the output is a
two-phase or three-phase signal in either PWM or DAC-compatible format.
MC2400 Series (MC2440, MC2420, MC2410) – This series provides microstepping signals for
stepping motors. Two phased signals per axis are generated in either PWM or DAC-compatible
format.
MC2500 Series (MC2540, MC2520, MC2510) – These chipsets provide high-speed pulse and
direction signals for stepping motor systems.
MC2800 Series (MC2840, MC2820) – This series outputs sinusoidally or 6-step commutated motor
signals appropriate for driving brushless servo motors as well as PWM or DAC- compatible outputs
for driving brushed servo motors.


Similar Part No. - MC2300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2300 ETC-MC2300 Datasheet
1Mb / 59P
   Navigator Motion Processor
More results

Similar Description - MC2300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-Q-RE ETC2-SV2B5-Q-RE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-AE ETC2-SV2A3-Q-AE Datasheet
155Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-EE ETC2-SV2A3-Q-EE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-RE ETC2-SV2A3-Q-RE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-RE ETC2-SV2A5-Q-RE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-EE ETC2-SV2B5-Q-EE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-AE ETC2-SV2B3-Q-AE Datasheet
157Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-AE ETC2-SV2A5-Q-AE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-RE ETC2-SV2B3-Q-RE Datasheet
158Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-AE ETC2-SV2B5-Q-AE Datasheet
235Kb / 4P
   Digital Servo Drive w/ On-board motion control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com