Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMR-C120 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSMR-C120
Description  Right Angle ChipLED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMR-C120 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSMR-C120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Figure 4. Maximum forward current vs. ambient temperature.
Figure 3. Luminous intensity vs. forward current.
0
5
15
25
IF – FORWARD CURRENT – mA
0
0.4
1.0
1.2
20
AS AlInGaP
0.6
0.8
0.2
10
GaP
AlGaAs
0
5
15
25
IF – FORWARD CURRENT – mA
0
0.4
1.0
1.2
20
0.6
0.8
0.2
10
HSMQ,
HSMR InGaN
HSMM,
HSMN InGaN
AlInGaP
AlGaAs
GaP
0
102030405060 70 80
90
TA – AMBIENT TEMPERATURE – °C
30
25
20
15
10
5
0
HSMQ,
HSMR InGaN
HSMM,
HSMN InGaN
0
102030405060 70 80
90
TA – AMBIENT TEMPERATURE – °C
25
20
15
10
5
0


Similar Part No. - HSMR-C120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMR-C120 AVAGO-HSMR-C120 Datasheet
455Kb / 12P
   High Performance Chip LED
logo
Agilent(Hewlett-Packard...
HSMR-C120 HP-HSMR-C120 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
More results

Similar Description - HSMR-C120

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMQ-C380 BOARDCOM-HSMQ-C380 Datasheet
807Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C380 BOARDCOM-HSMA-C380 Datasheet
734Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMQ-C350 BOARDCOM-HSMQ-C350 Datasheet
765Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C350 BOARDCOM-HSMA-C350 Datasheet
737Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMC-C380 BOARDCOM-HSMC-C380 Datasheet
784Kb / 9P
   Narrow Angle SMT Red ChipLED
HSMC-C350 BOARDCOM-HSMC-C350 Datasheet
739Kb / 9P
   Narrow Angle SMT Red ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CB00 AVAGO-ASMT-CB00 Datasheet
305Kb / 7P
   InGaN Blue, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CW00 AVAGO-ASMT-CW00 Datasheet
333Kb / 7P
   InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com