Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC92062L6MR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC92062L6MR
Description  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC92062L6MR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC92062L6MR Datasheet HTML 1Page - Torex Semiconductor XC92062L6MR Datasheet HTML 2Page - Torex Semiconductor XC92062L6MR Datasheet HTML 3Page - Torex Semiconductor XC92062L6MR Datasheet HTML 4Page - Torex Semiconductor XC92062L6MR Datasheet HTML 5Page - Torex Semiconductor XC92062L6MR Datasheet HTML 6Page - Torex Semiconductor XC92062L6MR Datasheet HTML 7Page - Torex Semiconductor XC92062L6MR Datasheet HTML 8Page - Torex Semiconductor XC92062L6MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
" MARKING RULE
$ SOT-25
1 Represents the product name and the type of DC/DC converters
* Character inversion is used.
2 Represents the integer of the output voltage and the oscillation frequency
3 Represents the decimal number of output voltage and the oscillation frequency
* Output voltage 0.9V ~ 4.0V (100mV steps), 1.85V and 2.85V are standard products.
Output voltages other than these are available as semi-custom products.
4 Represents the production lot number.
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
OUTPUT VOLTAGE
11
B
A
FOSC=1.2MHz
(XC920 x x
2 x 6M x)
(XC920 x x
2 x CM x)
FOSC=300kHz
FOSC=600kHz
XC9206 / 9207/ 9208 Series
DESIGNATOR
DESIGNATOR
PRODUCT NAME
XC9206A x x x M x
XC9207A x x x M x
XC9208A x x x M x
0
33
D
2
4E
(XC920 x x
2 x 3M x)
4. X
2C
0
0. X
1. X
2. X
3. X
4
OUTPUT VOLTAGE
FOSC=300kHz
FOSC=600kHz
FOSC=1.2MHz
(XC920 x x x
3 3M x)
(XC920 x x x
3 6M x)
(XC920 x x x
3 CM x)
DESIGNATOR
A
A
X. 0
1
B
B
X. 1
0
2
C
C
X. 2
3
D
D
X. 3
4
E
E
X. 4
5
F
F
X. 5
6
H
H
X. 6
7
K
K
X. 7
8
L
L
X. 8
X. 9
Z
Y
Y
X. 85
9M
M
1
23
4
5
1234
SOT-25
(TOP VIEW)
6
7
8
Semiconductor Ltd.
Data Sheet
3


Similar Part No. - XC92062L6MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results

Similar Description - XC92062L6MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com