Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40804 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL40804
Description  6 GHz FIXED MODULUS DEVIDE 4
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40804 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL40804 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40804 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40804 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40804 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40804 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40804 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40804 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40804 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40804 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ZL40804
Data Sheet
7
Zarlink Semiconductor Inc.
Figure 6 - Typical Input Sensitivity (sine wave drive)
Figure 7 - Single Ended AC Coupled Single Termination
Typical Input Sensitivity (Sinewave Drive)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
01234
56789
Input Frequency (GHz)
Guaranteed Operating Range
-40C to 85C
Edge
Speeed
>500V/us
Single Ended AC coupled Single Termination
Vcc out
Gnd
Transmission Line
Pre-scaler Output
Optional
Balance


Similar Part No. - ZL40804

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40804 ZARLINK-ZL40804 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
ZL40804DCA ZARLINK-ZL40804DCA Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
ZL40804DCB ZARLINK-ZL40804DCB Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
ZL40804DCE1 ZARLINK-ZL40804DCE1 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
ZL40804DCF1 ZARLINK-ZL40804DCF1 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
More results

Similar Description - ZL40804

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40803 ZARLINK-ZL40803 Datasheet
404Kb / 12P
   6 GHz FIXED MODULUS DEVIDE 2
ZL40804 ZARLINK-ZL40804_06 Datasheet
733Kb / 13P
   6 GHz Fixed Modulus 첨 4
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
   6 GHz Fixed Modulus Prescalers
logo
Mitel Networks Corporat...
SP5070 MITEL-SP5070 Datasheet
179Kb / 7P
   2.GHz Fixed Modulus Frequency Synthesiser
logo
Zarlink Semiconductor I...
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
   10-GHz Fixed Modulus 첨 8
ZL40815 ZARLINK-ZL40815 Datasheet
519Kb / 14P
   10GHz Fixed Modulus DIVIDE 4
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
logo
Zarlink Semiconductor I...
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com