Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6057B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U6057B
Description  Receiver for Point-to-Point Multiplex Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6057B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U6057B Datasheet HTML 1Page - TEMIC Semiconductors U6057B Datasheet HTML 2Page - TEMIC Semiconductors U6057B Datasheet HTML 3Page - TEMIC Semiconductors U6057B Datasheet HTML 4Page - TEMIC Semiconductors U6057B Datasheet HTML 5Page - TEMIC Semiconductors U6057B Datasheet HTML 6Page - TEMIC Semiconductors U6057B Datasheet HTML 7Page - TEMIC Semiconductors U6057B Datasheet HTML 8Page - TEMIC Semiconductors U6057B Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
U6057B
TELEFUNKEN Semiconductors
Rev. A1, 03-Dec-97
Preliminary Information
2 (9)
Pin Configuration
Table 1. Pin description
Pin
Symbol
Function
1
GND
Ground
2
DIN
Serial data input
3
nc
4
P/S
Parallel/serial switch-over
5
CLK
Clock input for shift register
6
nc
7
DOUT
Serial data output for the
mC
8
nc
9
2/4
2/4-fold comparison
10
SYN
Synchronization
11
CO
Clock output for cascading
12
PP
Program pin
13
DT
Data input of data line
14
nc
15
nc
16
nc
17
nc
18
OCS
RC-oscillator input
19
Vstab
Stabilized voltage
20
VS
Supply voltage
1
2
3
4
5
6
7
8
10
9
19
18
17
16
14
15
13
12
11
20
P/S
CLK
13272
nc
DOUT
nc
2/4
DIN
nc
nc
nc
nc
nc
DT
PP
VStab
OSC
SYN
CO
GND
VS
U6057B
Figure 2. Pinning of U6057B
Functional Description
Power Supply
For protection against interference and surges, the
U6057B must be equipped with an RC-circuit for current
limitation in the event of overvoltages and for buffering
in the event of voltage dips at VS.
Suggested dimensions: Rv = 510
W, CV = 100 mF
(see figure 3 )
An integrated 14-V Z-diode is located between VS and
GND.
Oscillator
All timing in the circuit is derived from an RC-oscillator.
The oscillator’s charging time t1 is determined by an
external resistor, ROSC, and its discharge time t2 by an
integrated 2-k
W resistor. Since the tolerance and
temperature sensitivity of the integrated resistor are
considerable greater than those of the external resistor,
t1/t2 ≥ 20 must be selected for stability reasons. The
minimum value of ROSC should not be less than 68 k
W.
Recommended frequencies and dimensioning:
fOSC = 1 / COSC (0.79
ROSC + 2260
W)
fOSC = 25.6 kHz, COSC = 220 pF, ROSC = 200 k
W
Table 2. Times derived from the transmitted frequency
(6.4 kHz)
Description
Time
Start pulse
312
ms
One bit
156
ms
Information bit
156
ms
Zero bit
156
ms
Information unit
625
ms
Data word
5 ms + 312
ms start bit
Data pause
9.688 ms
Transmission cycle
15 ms
Minimum reaction time
60 ms
Data word master – slave
10 ms + 312
ms start bit
Data pause master – slave
4.688 ms


Similar Part No. - U6057B

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
U6050B MSK-U6050B Datasheet
576Kb / 20P
   LOCAL MULTIPLEX
U6051B MSK-U6051B Datasheet
576Kb / 20P
   LOCAL MULTIPLEX
U6052B MSK-U6052B Datasheet
576Kb / 20P
   LOCAL MULTIPLEX
More results

Similar Description - U6057B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9364 AD-AD9364 Datasheet
636Kb / 33P
   Point to point communication systems
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
logo
Micross Components
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com