Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP15V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EP15V
Description  3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP15V Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EP15V Datasheet HTML 1Page - Micrel Semiconductor SY100EP15V Datasheet HTML 2Page - Micrel Semiconductor SY100EP15V Datasheet HTML 3Page - Micrel Semiconductor SY100EP15V Datasheet HTML 4Page - Micrel Semiconductor SY100EP15V Datasheet HTML 5Page - Micrel Semiconductor SY100EP15V Datasheet HTML 6Page - Micrel Semiconductor SY100EP15V Datasheet HTML 7Page - Micrel Semiconductor SY100EP15V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ECL Pro™
SY100EP15V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC –VEE
Power Supply Voltage
6.0
V
V
IN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (VEE = 0V, VIN not more positive than VCC)
+6.0 to 0
I
OUT
Output Current
–Continuous
50
mA
–Surge
100
IBB
V
BB Sink/Source Current
(2)
±0.5
mA
T
LEAD
Lead Temperature (soldering, 20sec.)
+260
°C
T
A
Operating Temperature Range
–40 to +85
°C
TSTORE
Storage Temperature Range
–65 to +150
°C
θJA
Package Thermal Resistance
–Still-Air (single-layer PCB)
115
(Junction-to-Ambient)
–Still-Air (multi-layer PCB)
75
°C/W
–500lfpm (multi-layer PCB)
65
θJC
Package Thermal Resistance
21
°C/W
(Junction-to-Case)
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
2. Due to the limited drive capability, use for inputs of same package only.
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
V
(PECL)
4.5
5.0
5.5
4.5
5.0
5.5
4.5
5.0
5.5
(LVPECL)
2.97
3.3
3.63
2.97
3.3
3.63
2.97
3.3
3.63
(ECL)
–5.5
–5.0
–4.5
–5.5
–5.0
–4.5
–5.5
–5.0
–4.5
(LVECL)
–3.63
–3.3
–2.97
–3.63
–3.3
–2.97
–3.63
–3.3
–2.97
ICC
Power Supply Current
70
52
72
75
mA
IIH
Input HIGH Current
150
150
150
µAVIN = VIH
IIL
Input LOW Current
CLK0, CLK1
0.5
0.5
0.5
µAVIN = VIL
/CLK0
–150
–150
–150
µAVIN = VIL
CIN
Input Capacitance (TSSOP)
————
1.0
————
pF
Note:
1. 100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in
a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
DC ELECTRICAL CHARACTERISTICS(1)


Similar Part No. - SY100EP15V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTG MICREL-SY100EP111UTG Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTR MICREL-SY100EP111UTGTR Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTX MICREL-SY100EP111UTGTX Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results

Similar Description - SY100EP15V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89830U MICREL-SY89830U Datasheet
125Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY89830U MICREL-SY89830U_05 Datasheet
128Kb / 10P
   2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com