Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC80C0448L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MC80C0448L
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80C0448L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MC80C0448L Datasheet HTML 3Page - List of Unclassifed Manufacturers MC80C0448L Datasheet HTML 4Page - List of Unclassifed Manufacturers MC80C0448L Datasheet HTML 5Page - List of Unclassifed Manufacturers MC80C0448L Datasheet HTML 6Page - List of Unclassifed Manufacturers MC80C0448L Datasheet HTML 7Page - List of Unclassifed Manufacturers MC80C0448L Datasheet HTML 8Page - List of Unclassifed Manufacturers MC80C0448L Datasheet HTML 9Page - List of Unclassifed Manufacturers MC80C0448L Datasheet HTML 10Page - List of Unclassifed Manufacturers MC80C0448L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 135 page
background image
Preliminary
MC80F0424/0432/0448
MAR. 2005 Ver 0.2
3
1.4 Ordering Information
Table 1-1 Ordering Information of MC80F0424/0432/0448
Device name
ROM Size
RAM size
Package
Mask version
MC80C0424K
MC80C0424Q
MC80C0424L
24K bytes
1.5K bytes
K : 64SDIP
Q : 64QFP
L : 64LQFP
MC80C0432K
MC80C0432Q
MC80C0432L
32K bytes
MC80C0448K
MC80C0448Q
MC80C0448L
48K bytes
FLASH version
MC80F0424K
MC80F0424Q
MC80F0424L
24K bytes
MC80F0432K
MC80F0432Q
MC80F0432L
32K bytes
MC80F0448K
MC80F0448Q
MC80F0448L
48K bytes


Similar Part No. - MC80C0448L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80C0104 ETC1-MC80C0104 Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0104B ETC1-MC80C0104B Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0104D ETC1-MC80C0104D Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0204 ETC1-MC80C0204 Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0204B ETC1-MC80C0204B Datasheet
2Mb / 126P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80C0448L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com