Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT7868 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT7868
Description  10-BIT,80 MSPS A/D CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT7868 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT7868 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7868 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7868 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7868 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7868 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Signal Processing Technologies, Inc.
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: 719-528-2300
Fax: 719-528-2370
Web Site: http://www.spt.com
e-mail: sales@spt.com
SPT7868
10-BIT, 80 MSPS A/D CONVERTER
PRELIMINARY INFORMATION
APPLICATIONS
• High-speed applications where low power dissipation is
required
• Video imaging
• Medical imaging
• Radar receivers
• IR imaging
• Digital communications
FEATURES
• 80 MSPS maximum sample rate
• 9.2 effective number of bits at ƒIN = 15 MHz and
ƒS = 80 MSPS
•2 VP-P full-scale input range
• Differential input 2.5 V common mode
• Internal or external voltage reference
• Common-mode voltage reference output
• +3.3 V / +5 V digital output logic compatibility
• +5 V analog power supply
GENERAL DESCRIPTION
The SPT7868 is a 10-bit, 80 MSPS analog-to-digital con-
verter with low power dissipation at only 627 mW typical at
80 MSPS with a power supply of +5.0 V. The digital outputs
are +3 V or +5 V, and are user selectable. The SPT7868
has incorporated proprietary circuit design and CMOS
processing technologies to achieve its advanced perfor-
mance. Inputs and outputs are TTL/CMOS compatible to
interface with TTL/CMOS logic systems. Output data for-
mat is straight binary.
The SPT7868 is available in a 28-lead SSOP package
over the industrial temperature range.
BLOCK DIAGRAM
Bias
Cell
VCM
VDD GND
10-BIT
80 MSPS
ADC
THA
VIN
Data
Output
Latches
& Buffers
10
10
GND OVDD
Bandgap
Reference
2
CLK, CLK
VIN
REFH
REFL
Sleep
1
OR
EXT/INT
D0–D9


Similar Part No. - SPT7868

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860SCS FAIRCHILD-SPT7860SCS Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7860SCS CADEKA-SPT7860SCS Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860SCT FAIRCHILD-SPT7860SCT Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results

Similar Description - SPT7868

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Hittite Microwave Corpo...
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD10678 AD-AD10678 Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com