Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62447SP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62447SP
Description  6CH ELECTRIC VOLUME
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62447SP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62447SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62447SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62447SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62447SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62447SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62447SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62447SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62447SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62447SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRIC
M62447SP
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
MITSUBISHI SOUND PROCESSORS
(
/
12 )
MITSUBISHI
6CH ELECTRIC VOLUME
CLOCK
DATA
25%
75%
tr
tf
t cr
t WHC
t WLC
t SD
t HD
LATCH
tSL
tWHC
Unit
Symbol
Parameter
Limits
Min
typ
Max
DIGITAL BLOCK TIMING REGULATION
t cr
t WHC
t WLC
t r
t f
t SD
t HD
CLOCK cycle time
CLOCK pulse width ("H"level)
CLOCK pulse width ("L"level)
CLOCK,DATA,LATCH rise time
CLOCK,DATA,LATCH fall time
DATA setup time
DATA hold time
8
3.2
1.6
1.6
0.8
0.8
µsec
3.2
tSL
LATCH setup time
2
3.2
tWHL
LATCH pulse width
tr
tr
tf
tf
25%
75%
25%
75%
CLOCK, DATA,LATCH TIMING
5


Similar Part No. - M62447SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62440 MITSUBISHI-M62440 Datasheet
94Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
M62440FP MITSUBISHI-M62440FP Datasheet
94Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62440FP RENESAS-M62440FP Datasheet
155Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62443FP MITSUBISHI-M62443FP Datasheet
127Kb / 16P
   SOUND CONTROLLER
logo
Renesas Technology Corp
M62443FP RENESAS-M62443FP Datasheet
4Mb / 17P
   SOUND CONTROLLER
More results

Similar Description - M62447SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
   6CH ELECTRIC VOLUME WITH TONE CONTROL
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
   6ch Electronic Volume
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
   6CH ELECTRONIC VOLUME CONTROLLER
logo
Renesas Technology Corp
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
   6ch Electronic Volume with Tone Control
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
   6ch Electronic Volume with Tone Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com