Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP46N03 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SPP46N03
Description  SIPMOS-TM POWER TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPP46N03 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  SPP46N03 Datasheet HTML 1Page - Siemens Semiconductor Group SPP46N03 Datasheet HTML 2Page - Siemens Semiconductor Group SPP46N03 Datasheet HTML 3Page - Siemens Semiconductor Group SPP46N03 Datasheet HTML 4Page - Siemens Semiconductor Group SPP46N03 Datasheet HTML 5Page - Siemens Semiconductor Group SPP46N03 Datasheet HTML 6Page - Siemens Semiconductor Group SPP46N03 Datasheet HTML 7Page - Siemens Semiconductor Group SPP46N03 Datasheet HTML 8Page - Siemens Semiconductor Group SPP46N03 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Semiconductor Group
SPP46N03
Typ. gate charge
VGS = f (QGate)
parameter:
ID puls = 46 A
0
10
20
30
40
nC
60
QGate
0
2
4
6
8
10
12
V
16
SPP46N03
DS max
V
0,8
DS max
V
0,2
Avalanche Energy
EAS = f (Tj)
parameter:
ID = 46 A, VDD = 25 V
RGS = 25 Ω
20
40
60
80
100
120
140
°C
180
Tj
0
50
100
150
mJ
250
Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
140
°C
200
Tj
27
28
29
30
31
32
33
34
35
V
37
SPP46N03


Similar Part No. - SPP46N03

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SPP40SP1120SN COOPER-SPP40SP1120SN Datasheet
825Kb / 3P
   SURGE PROTECTION MADE SIMPLE??FOR LIGHT COMMERCIAL & RESIDENTIAL APPLICATIONS
logo
Eaton All Rights Reserv...
SPP40SP1120SN EATON-SPP40SP1120SN Datasheet
1Mb / 4P
   SurgePOD??PRO UL Listed Type 1 surge protective devices
logo
Cooper Bussmann, Inc.
SPP40SP2240PN COOPER-SPP40SP2240PN Datasheet
825Kb / 3P
   SURGE PROTECTION MADE SIMPLE??FOR LIGHT COMMERCIAL & RESIDENTIAL APPLICATIONS
logo
Eaton All Rights Reserv...
SPP40SP2240PN EATON-SPP40SP2240PN Datasheet
1Mb / 4P
   SurgePOD??PRO UL Listed Type 1 surge protective devices
logo
Cooper Bussmann, Inc.
SPP40SP3208WYG COOPER-SPP40SP3208WYG Datasheet
825Kb / 3P
   SURGE PROTECTION MADE SIMPLE??FOR LIGHT COMMERCIAL & RESIDENTIAL APPLICATIONS
More results

Similar Description - SPP46N03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com