Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD60C52 Datasheet(PDF) 3 Page - AUK corp

Part # SD60C52
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C52 Datasheet(HTML) 3 Page - AUK corp

  SD60C52 Datasheet HTML 1Page - AUK corp SD60C52 Datasheet HTML 2Page - AUK corp SD60C52 Datasheet HTML 3Page - AUK corp SD60C52 Datasheet HTML 4Page - AUK corp SD60C52 Datasheet HTML 5Page - AUK corp SD60C52 Datasheet HTML 6Page - AUK corp SD60C52 Datasheet HTML 7Page - AUK corp SD60C52 Datasheet HTML 8Page - AUK corp SD60C52 Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
KSI-W015-000
3
Pin Configuration
Pin Description
V
CC : PIN 40 (DIP40), PIN 44 (PLCC 44)
Supply voltage during normal, Idle and power down operations.
V
SS : PIN 20 (DIP 40), PIN 22 (PLCC 44)
Circuit ground.
Port 0 : PIN 32~39 (DIP 40), PIN 36~43 (PLCC44)
Port 0 is an 8bit open drain bi-directional I/O port. As an output
port each pin can sink several LS TTL inputs. Port 0 pins that have 1's
written to them float, and in that state can be used as high impedance inputs.
Port 0 is also the multiplexed low-order address and data bus during accesses
to external program and data memory.
In this application it uses strong internal pullups when emitting 1's and source and
sink several LS TTL inputs. Port 0 outputs the code bytes during program verification
on the 60C52 external pullups resistors are required during program verification.
Port 1 : PIN 1~8 (DIP 40), PIN 2~9 (PLCC44)
Port 1 output buffers can drive LSI TTL inputs.
Port 1 is an 8bit bi-directional I/O port with internal pullups.
Port 1 pins that have 1's written to them are pulled high by the internal pullups,
and in that state can be used as inputs. As inputs, Port 1 pins that are externally
being pulled low will source current because of the internal pullups
SD60C32/P SD60C52/P
44PLCC
7
8
9
10
12
11
13
14
15
16
17
39
38
37
36
34
35
33
32
31
30
29
P1.5
P1.6
P1.7
RST
RxD/P3.0
NC
TxD/3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA/VPP
NC
ALE/PROG
PSEN
P2.7/A15
P2.6/A14
P2.5/A13
40DIP
T2/P1.0
T2EX/P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RST
RxD/P3.0
INT0/P3.2
TxD/P3.1
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA/VPP
PSEN
ALE/PROG
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8


Similar Part No. - SD60C52

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD60C51 AUK-SD60C51 Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
SD60C51/P AUK-SD60C51/P Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
More results

Similar Description - SD60C52

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD60C31 AUK-SD60C31 Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C52 ETC2-DMC60C52 Datasheet
712Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Daewoo Semiconductor
DMC60C51 DAEWOO-DMC60C51 Datasheet
579Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC80C49 DAEWOO-DMC80C49 Datasheet
655Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC60C52 DAEWOO-DMC60C52 Datasheet
706Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Intel Corporation
M8751H-8 INTEL-M8751H-8 Datasheet
1Mb / 16P
   SINGLE-COMPONENT 8 BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C51 ETC2-DMC60C51 Datasheet
583Kb / 12P
   COMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com