Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS30100LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSS30100LT1G
Description  30 V, 2 A, Low Vce(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS30100LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSS30100LT1G Datasheet HTML 1Page - ON Semiconductor NSS30100LT1G Datasheet HTML 2Page - ON Semiconductor NSS30100LT1G Datasheet HTML 3Page - ON Semiconductor NSS30100LT1G Datasheet HTML 4Page - ON Semiconductor NSS30100LT1G Datasheet HTML 5Page - ON Semiconductor NSS30100LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NSS30100LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−30
Vdc
Collector − Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−50
Vdc
Emitter − Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current
(VCB = −30 Vdc, IE = 0)
ICBO
−0.1
mAdc
Collector−Emitter Cutoff Current
(VCES = −30 Vdc)
ICES
−0.1
mAdc
Emitter Cutoff Current
(VEB = −4.0 Vdc)
IEBO
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 4) (Figure 1)
(IC = −1.0 mA, VCE = −2.0 V)
(IC = −500 mA, VCE = −2.0 V)
(IC = −1.0 A, VCE = −2.0 V)
(IC = 2.0 A, VCE = −2.0 V)
hFE
100
100
80
40
300
Collector − Emitter Saturation Voltage (Note 4) (Figure 3)
(IC = −0.5 A, IB = −0.05 A)
(IC = −1.0 A, IB = 0.1 A)
(IC = −2.0 A, IB = −0.2 A)
VCE(sat)
−0.25
−0.30
−0.65
V
Base − Emitter Saturation Voltage (Note 4) (Figure 2)
(IC = −1.0 A, IB = −0.1 A)
VBE(sat)
−1.2
V
Base − Emitter Turn−on Voltage (Note 4)
(IC = −1.0 A, VCE = −2.0 V)
VBE(on)
−1.1
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
100
MHz
Output Capacitance (f = 1.0 MHz)
Cobo
15
pF
4. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle
≤ 2%.


Similar Part No. - NSS30100LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS30100LT1G ONSEMI-NSS30100LT1G Datasheet
112Kb / 5P
   30 V, 2 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 2
NSS30100LT1G ONSEMI-NSS30100LT1G Datasheet
113Kb / 5P
   PNP Transistor
October, 2016 ??Rev. 4
NSS30100LT1G ONSEMI-NSS30100LT1G_13 Datasheet
112Kb / 5P
   30 V, 2 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 2
NSS30100LT1G ONSEMI-NSS30100LT1G_16 Datasheet
113Kb / 5P
   PNP Transistor
October, 2016 ??Rev. 4
More results

Similar Description - NSS30100LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS30100LT1G ONSEMI-NSS30100LT1G_13 Datasheet
112Kb / 5P
   30 V, 2 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 2
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
65Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G_13 Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
NSS30101LT1G ONSEMI-NSS30101LT1G Datasheet
60Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30101LT1G ONSEMI-NSS30101LT1G_09 Datasheet
134Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 1
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G Datasheet
70Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30071MR6T1G ONSEMI-NSS30071MR6T1G Datasheet
62Kb / 6P
   30 V, 0.7 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G_11 Datasheet
148Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 1
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com