Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6203BGNY3E Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C6203BGNY3E
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6203BGNY3E Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6203BGNY3E Datasheet HTML 6Page - Texas Instruments TMS320C6203BGNY3E Datasheet HTML 7Page - Texas Instruments TMS320C6203BGNY3E Datasheet HTML 8Page - Texas Instruments TMS320C6203BGNY3E Datasheet HTML 9Page - Texas Instruments TMS320C6203BGNY3E Datasheet HTML 10Page - Texas Instruments TMS320C6203BGNY3E Datasheet HTML 11Page - Texas Instruments TMS320C6203BGNY3E Datasheet HTML 12Page - Texas Instruments TMS320C6203BGNY3E Datasheet HTML 13Page - Texas Instruments TMS320C6203BGNY3E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
TMS320C6203B
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS086M − JANUARY 1999 − REVISED MARCH 2004
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
memory map summary
Table 2 shows the memory map address ranges of the C6203B device. The C6203B device has the capability
of a MAP 0 or MAP 1 memory block configuration. These memory block configurations are set up at reset by
the boot configuration pins (generically called BOOTMODE[4:0]). For the C6203B device, the BOOTMODE
configuration is handled, at reset, by the expansion bus module (specifically XD[4:0] pins). For more detailed
information on the C6203B device settings, which include the device boot mode configuration at reset and other
device-specific configurations, see TMS320C620x/C670x DSP Boot Modes and Configuration (SPRU642).
Table 2. TMS320C6203B Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE
HEX ADDRESS RANGE
MAP 0
MAP 1
BLOCK SIZE
(BYTES)
HEX ADDRESS RANGE
External Memory Interface (EMIF) CE0
Internal Program RAM
384K
0000_0000–0005_FFFF
EMIF CE0
Reserved
4M–384K
0006_0000–003F_FFFF
EMIF CE0
EMIF CE0
12M
0040_0000–00FF_FFFF
EMIF CE1
EMIF CE0
4M
0100_0000–013F_FFFF
Internal Program RAM
EMIF CE1
384K
0140_0000–0145_FFFF
Reserved
EMIF CE1
4M–384K
0146_0000–017F_FFFF
EMIF Registers
256K
0180_0000–0183_FFFF
DMA Controller Registers
256K
0184_0000–0187_FFFF
Expansion Bus (XBus) Registers
256K
0188_0000–018B_FFFF
McBSP 0 Registers
256K
018C_0000–018F_FFFF
McBSP 1 Registers
256K
0190_0000–0193_FFFF
Timer 0 Registers
256K
0194_0000–0197_FFFF
Timer 1 Registers
256K
0198_0000–019B_FFFF
Interrupt Selector Registers
512
019C_0000–019C_01FF
Power-Down Registers
256K–512
019C_0200–019F_FFFF
Reserved
256K
01A0_0000–01A3_FFFF
McBSP 2 Registers
256K
01A4_0000–01A7_FFFF
Reserved
5.5M
01A8_0000–01FF_FFFF
EMIF CE2
16M
0200_0000–02FF_FFFF
EMIF CE3
16M
0300_0000–03FF_FFFF
Reserved
1G–64M
0400_0000–3FFF_FFFF
XBus XCE0
256M
4000_0000–4FFF_FFFF
XBus XCE1
256M
5000_0000–5FFF_FFFF
XBus XCE2
256M
6000_0000–6FFF_FFFF
XBus XCE3
256M
7000_0000–7FFF_FFFF
Internal Data RAM
512K
8000_0000–8007_FFFF
Reserved
2G–512K
8008_0000–FFFF_FFFF


Similar Part No. - TMS320C6203BGNY3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6203BGNY3E TI1-TMS320C6203BGNY3E Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6203BGNY3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com