Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89542UMG Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89542UMG
Description  2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89542UMG Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89542UMG Datasheet HTML 1Page - Micrel Semiconductor SY89542UMG Datasheet HTML 2Page - Micrel Semiconductor SY89542UMG Datasheet HTML 3Page - Micrel Semiconductor SY89542UMG Datasheet HTML 4Page - Micrel Semiconductor SY89542UMG Datasheet HTML 5Page - Micrel Semiconductor SY89542UMG Datasheet HTML 6Page - Micrel Semiconductor SY89542UMG Datasheet HTML 7Page - Micrel Semiconductor SY89542UMG Datasheet HTML 8Page - Micrel Semiconductor SY89542UMG Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Precision Edge®
SY89542U
Micrel, Inc.
M9999-071505
hbwhelp@micrel.com or (408) 955-1690
V
CC = 2.5V ±5%; TA = –40°C to +85°C; RL = 100Ω across Q and /Q, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Operating Frequency
NRZ Data
3.2
Gbps
V
OUT > 200mV
Clock
4
GHz
t
pd
Differential Propagation Delay
IN-to-Q
250
350
450
ps
SEL-to-Q
200
350
600
ps
t
SKEW
Input-to-Input Skew
Note 11
20
ps
Bank-to-Bank Skew
Note 12
25
ps
Part-to-Part Skew
Note 13
200
ps
t
JITTER
Data
Random Jitter (RJ)
Note 14
1ps
RMS
Deterministic Jitter (DJ)
Note 15
10
ps
PP
Clock
Total Jitter (TJ )
Note 16
10
ps
PP
Cycle-to-Cycle Jitter
Note 17
1ps
RMS
Crosstalk-Induced Jitter
Note 18
0.7
ps
RMS
t
r, tf
Output Rise / Fall Time
At full output swing
35
80
150
ps
(20% to 80%)
Notes:
10. Measured with 100mV input swing. See “Timing Diagrams ” section for definition of parameters. High frequency AC-parameters are guaranteed by
design and characterization.
11. Input-to-input skew is the difference in time from an input-to-output in comparison to any other input-to-output. In addition, the input-to-input skew
does not include the output skew.
12. Bank-to-bank skew is the difference in time from input to the output between banks.
13. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the
respective inputs. Total skew is calculated as the RMS (Root Mean Square) of the input skew and output skew.
14. Random jitter is measured with a K28.7 comma detect character pattern, measured at 1.25Gbps and 3.2Gbps.
15. Deterministic jitter is measured at 1.25Gbps and 3.2Gbps, with both K28.5 and 223–1 PRBS pattern.
16. Total jitter definition: with an ideal clock input of frequency
≤ f
MAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
17. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn-Tn-1 where T is the time between rising edges of the output signal.
18. Crosstalk is measured at the output while applying two similar frequencies to adjacent inputs that are asynchronous with respect to each other at the
inputs.
AC ELECTRICAL CHARACTERISTICS(10)


Similar Part No. - SY89542UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89542UMG MICREL-SY89542UMG Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542UMGTR MICREL-SY89542UMGTR Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
More results

Similar Description - SY89542UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89543L MICREL-SY89543L_08 Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com