Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK1A-12V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # DK1A-12V
Description  MINIATURE POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DK1A-12V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  DK1A-12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DK1A-12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DK1A-12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DK1A-12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DK1A-12V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
239
DK-RELAYS
MINIATURE POWER RELAY
VDE
1a
1a1b
mm inch
12.5
.492
10
.394
20
.787
15
.591
10
.394
20
.787
FEATURES
• Large capacity in small size: 10 A 250 V AC (1a)
• High sensitivity: 200 mW nominal operating power
• High breakdown voltage 4,000 Vrms between contacts and
coil 1,000 Vrms between open contacts Meeting FCC Part 68
• Sealed construction
• Latching types available
SPECIFICATIONS
Contact
Coil
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section
*2 Detection current: 10 mA
*3 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*4 Excluding contact bounce time
*5 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
Characteristics
Arrangement
1 Form A
2 Form A,
1 Form A
1 Form B
Initial contact resistance, max.
(By voltage drop 6 V DC 1A)
30 m
Contact material
Gold flash over silver alloy
Rating
(resistive)
Nominal
switching capacity
10 A 250 V AC
10 A 30 V DC
8 A 250 V AC
8 A 30 V DC
Max. switching
power
300 W, 2,500 VA
240 W, 2,000 VA
Max. switching
voltage
250 V AC,
30 V DC
250 V AC,
30 V DC
Max. switching
current
10 A
8 A
Expected
life (min.
operations)
Mechanical
5
×107
Electrical
(resistive)
105
(10 A 250 V AC,
10 A 30 V DC)
105
(8 A 250 V AC,
8 A 30 V DC)
Nominal operating power
200 mW
Max. operating speed
20 cpm (at rated load)
Initial insulation resistance*1
Min. 1,000 m
Ω (at 500 V DC)
Initial
breakdown
voltage*2
Between open
contacts
1,000 Vrms
Between contacts
and coil
4,000 Vrms
Surge voltage between coil and
contact*3
Min. 10,000 V
Operate time*4
(at nominal voltage)
Max. 10 ms (Approx. 5 ms)
Release time (without diode)*4
(at nominal voltage)
Max. 8 ms (Approx. 3 ms)
Temperature rise
(at nominal voltage)
Max. 40
°C with nominal coil voltage
and at 10 A switching current
Shock
resistance
Functional*5
Min. 98 m/s2 {10 G}
Destructive*6
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*7
88.2 m/s2 {9 G}, 10 to 55 Hz
at double amplitude of 1.5 mm
Destructive
176.4 m/s2 {18 G}, 10 to 55 Hz
at double amplitude of 3.0 mm
Conditions for oper-
ation, transport and
storange*8
(Not freezing and
condensing at low
temperature)
Ambient
temp.
–40
°C to +65°C
–40
°F to +149°F
Humidity
5 to 85% R.H.
Unit
weight
1 Form A
Approx. 5.6 g .20 oz
1 Form A 1 Form B,
2 Form A
Approx. 6 g .21 oz
TYPICAL
APPLICATIONS
• Switching power supply
• Power switching for various
OA equipment
• Control or driving relays for industrial
machines (robotics, numerical control
machines, etc.)
• Output relays for programmable logic
controllers, temperature controllers,
timers and so on.
• Home appliances
ORDERING INFORMATION
Ex. DK
Note: Standard packing Carton: 50 pcs.; Case: 500 pcs.
UL/CSA, TÜV approved type is standard.
1a
L2
12V
Contact arrangement
1a: 1 Form A
2a: 2 Form A
1a1b: 1 Form A 1 Form B
Nil: Single side stable
L2: 2 coil latching
3, 5, 6, 9, 12, 24V
Operating function
Coil voltage


Similar Part No. - DK1A-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DK1A-12V-F PANASONIC-DK1A-12V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
More results

Similar Description - DK1A-12V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com