Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6564 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN6564
Description  Quadruple Operational Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6564 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN6564 Datasheet HTML 1Page - Panasonic Semiconductor AN6564 Datasheet HTML 2Page - Panasonic Semiconductor AN6564 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
s Overview
The AN1324 (AN6564)and the AN1324NS
(AN6564NS)are quadruple operational amplifiers with
phase compensation circuits built-in, and with wide range
of operating voltages, allowing single power supply
operation. They have electrical characteristics equal to
the conventional operational amplifiers, and are low
powered and suitable for application to various circuits.
s Features
• Built-in phase compensation circuit
• Wide range of common-mode input voltage
0V to VCC–1.5V
• Wide range of operating voltages
Single supply:3 to 30V
Dual supply:
±1.5 to 15V
s Block Diagram
AN1324 (AN6564),
AN1324NS (AN6564NS)
Quadruple Operational Amplifiers
1
2
3
4
5
6
7
14
13
12
11
10
9
8
3–15˚
Unit :mm
AN1324 (AN6564)
6.35
±0.3
3.05
±0.25
4.7
±0.25
14-pin DIL Plastic Package (DIP014-P-0300D)
7.62
±0.25
0.3
+ 0.1
– 0.05
1.1
±0.25
Unit:mm
AN1324NS (AN6564NS)
0.3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
6.5
±0.3
4.2
±0.3
14-pin PANAFLAT Plastic Package (SOP014-P-0225A)
+
+
VO1
VCC
1
23
4
5
6
7
14
4
3
1
2
13
12
11
GND
10
9
8
Vin1+
Vin1–
VO2
Vin2–
Vin2+
VO4
(VEE)
Vin4+
Vin3+
Vin4–
VO3
Vin3–


Similar Part No. - AN6564

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6561 PANASONIC-AN6561 Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6561L PANASONIC-AN6561L Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6562 PANASONIC-AN6562 Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6562S PANASONIC-AN6562S Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
More results

Similar Description - AN6564

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com