Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4356 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4356
Description  16x16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4356 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4356 Datasheet HTML 1Page - Maxim Integrated Products MAX4356 Datasheet HTML 2Page - Maxim Integrated Products MAX4356 Datasheet HTML 3Page - Maxim Integrated Products MAX4356 Datasheet HTML 4Page - Maxim Integrated Products MAX4356 Datasheet HTML 5Page - Maxim Integrated Products MAX4356 Datasheet HTML 6Page - Maxim Integrated Products MAX4356 Datasheet HTML 7Page - Maxim Integrated Products MAX4356 Datasheet HTML 8Page - Maxim Integrated Products MAX4356 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
16 x 16 Nonblocking Video Crosspoint Switch
with On-Screen Display Insertion and I/O Buffers
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS—DUAL SUPPLIES ±3V
(VCC = +3V, VEE = -3V, VDD = +3V, AGND = DGND = 0, VIN_ = 0, VOSDFILL_ = 0, RL = 150Ω to AGND, and TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
Range
VCC - VEE
Guaranteed by PSRR test
4.5
10.5
V
Logic Supply Voltage Range
VDD to
DGND
2.7
5.5
V
(VEE + 1V) < VIN
_ < (VCC - 1.2V),
AV = +1V/V, RL = 150Ω
0.94
0.983
1
(VEE + 1V) < VIN
_ < (VCC - 1.2V),
AV = +1V/V, RL = 10kΩ
0.96
0.993
1
(VEE + 2V) < VIN
_ < (VCC - 2.1V),
AV = +2V/V, RL = 150Ω
1.92
1.985
2.08
Gain (Note 1)
AV
(VEE + 2V) < VIN
_ < (VCC - 2.1V)
AV = +2V/V, RL = 10kΩ
1.94
2.000
2.06
V/V
RL = 10kΩ
0.5
1.5
Gain Matching
(Channel to Channel)
RL = 150Ω
0.5
2
%
Temperature Coefficient of
Gain
TCAV
10
ppm/
°C
RL = 10kΩ
VEE +
1
VCC -
1.2
AV = +1V/V
RL = 150Ω
VEE +
1
VCC -
1.2
RL = 10kΩ
VEE +
2
VCC -
2.1
Input Voltage Range
VIN
_
AV = +2V/V
RL = 150Ω
VEE +
2
VCC -
2.1
V
RL = 10kΩ
VEE +
1
VCC -
1.2
Output Voltage Range
VOUT
RL = 150Ω
VEE +
1
VCC -
1.2
V
Input Bias Current
IB
4
11
µA
Input Resistance
RIN
(VEE + 1V) < VIN
_ < (VCC - 1.2V)
10
M
AV = +1V/V
±5
±20
Output Offset
Voltage
VOFFSET
AV = +2V/V
±10
±40
mV


Similar Part No. - MAX4356

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX435 MAXIM-MAX435 Datasheet
700Kb / 16P
   Wideband Trasconductance Amplifiers
Rev 1; 4/93
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4350EUK-T MAXIM-MAX4350EUK-T Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4350EXK-T MAXIM-MAX4350EXK-T Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4351 MAXIM-MAX4351 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
More results

Similar Description - MAX4356

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4358 MAXIM-MAX4358 Datasheet
1,004Kb / 43P
   32 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers
Rev 0; 8/01
MAX4357 MAXIM-MAX4357 Datasheet
792Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4357 MAXIM-MAX4357_09 Datasheet
823Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 1; 5/09
logo
Intersil Corporation
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com