Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1GW16ACME Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV1GW16ACME
Description  DUAL BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW16ACME Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV1GW16ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW16ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW16ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW16ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW16ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW16ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW16ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GW16ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GW16ACME Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.1.00, Sep.12.2003, page 1 of 8
HD74LV1GW16A
Dual Buffer
REJ03D0078–0100Z
(Previous ADE-205-708 (Z))
Rev.1.00
Sep.12.2003
Description
The HD74LV1GW16A has dual buffer in a 6 pin package. Low voltage and high-speed operation is
suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.65 to 5.5 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping
Abbreviation (Quantity)
HD74LV1GW16ACME
CMPAK-6 pin
CMPAK-6V(O)
CM
E (3,000 pcs / Reel)


Similar Part No. - HD74LV1GW16ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW16ACME RENESAS-HD74LV1GW16ACME Datasheet
85Kb / 6P
   Dual Buffer
More results

Similar Description - HD74LV1GW16ACME

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com