Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91SAM7XC256-AU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM7XC256-AU
Description  Thumb-based Microcontrollers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7XC256-AU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM7XC256-AU Datasheet HTML 1Page - ATMEL Corporation AT91SAM7XC256-AU Datasheet HTML 2Page - ATMEL Corporation AT91SAM7XC256-AU Datasheet HTML 3Page - ATMEL Corporation AT91SAM7XC256-AU Datasheet HTML 4Page - ATMEL Corporation AT91SAM7XC256-AU Datasheet HTML 5Page - ATMEL Corporation AT91SAM7XC256-AU Datasheet HTML 6Page - ATMEL Corporation AT91SAM7XC256-AU Datasheet HTML 7Page - ATMEL Corporation AT91SAM7XC256-AU Datasheet HTML 8Page - ATMEL Corporation AT91SAM7XC256-AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
6209AS–ATARM–20-Oct-05
AT91SAM7XC256/128 Preliminary
1.
Description
Atmel's AT91SAM7XC256/128 is a member of a series of highly integrated Flash microcontrol-
lers based on the 32-bit ARM RISC processor. It features 256/128 Kbyte high-speed Flash and
64/32 Kbyte SRAM, a large set of peripherals, including an 802.3 Ethernet MAC, a CAN control-
ler, an AES 128 Encryption accelerator and a Triple Data Encryption System. A complete set of
system functions minimizes the number of external components.
The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via
a parallel interface on a production programmer prior to mounting. Built-in lock bits and a secu-
rity bit protect the firmware from accidental overwrite and preserve its confidentiality.
The AT91SAM7XC256/128 system controller includes a reset controller capable of managing
the power-on sequence of the microcontroller and the complete system. Correct device opera-
tion can be monitored by a built-in brownout detector and a watchdog running off an integrated
RC oscillator.
By combining the ARM7TDMI processor with on-chip Flash and SRAM, and a wide range of
peripheral functions, including USART, SPI, CAN Controller, Ethernet MAC, AES 128 accelera-
tor, TDES, Timer Counter, RTT and Analog-to-Digital Converters on a monolithic chip, the
AT91SAM7XC256/128 is a powerful device that provides a flexible, cost-effective solution to
many embedded control applications requiring secure communication over, for example, Ether-
net, CAN wired and Zigbee wireless networks.
2.
Configuration Summary of the AT91SAM7XC256 and AT91SAM7XC128
The AT91SAM7XC256 and AT91SAM7XC128 differ only in memory sizes. Table 2-1 summa-
rizes the configurations of the two devices.
Table 2-1.
Configuration Summary
Device
Flash
SRAM
AT91SAM7XC256
256K bytes
64K bytes
AT91SAM7XC128
128K bytes
32K bytes


Similar Part No. - AT91SAM7XC256-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7XC256-AU ATMEL-AT91SAM7XC256-AU Datasheet
7Mb / 675P
   Thumb-based Microcontrollers
AT91SAM7XC256-AU ATMEL-AT91SAM7XC256-AU Datasheet
480Kb / 38P
   Thumb-based Microcontrollers
AT91SAM7XC256-AU ATMEL-AT91SAM7XC256-AU Datasheet
765Kb / 47P
   Incorporates the ARM7TDMI ARM Thumb짰 Processor
AT91SAM7XC256-AU ATMEL-AT91SAM7XC256-AU Datasheet
768Kb / 47P
   ARM Thumb-based Microcontrollers
AT91SAM7XC256-AU ATMEL-AT91SAM7XC256-AU Datasheet
11Mb / 727P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7XC256-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7SE512 ATMEL-AT91SAM7SE512 Datasheet
7Mb / 47P
   Thumb-based Microcontrollers
AT91SAM9G45 ATMEL-AT91SAM9G45_14 Datasheet
377Kb / 10P
   Thumb-based Microcontrollers
AT91SAM7XC256 ATMEL-AT91SAM7XC256 Datasheet
7Mb / 675P
   Thumb-based Microcontrollers
AT91SAM7XC256 ATMEL-AT91SAM7XC256_05 Datasheet
480Kb / 38P
   Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512_09 Datasheet
768Kb / 47P
   ARM Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
   ARM Thumb-based Microcontrollers
AT91SAM7A2 ATMEL-AT91SAM7A2 Datasheet
141Kb / 15P
   ARM Thumb - based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com