Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5526-AKC-TR Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5526-AKC-TR
Description  DUAL CHANNEL 500mA REGULATOR - RESET IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5526-AKC-TR Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5526-AKC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APL5526-AKC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL5526-AKC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL5526-AKC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL5526-AKC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL5526-AKC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL5526-AKC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL5526-AKC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL5526-AKC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Ju1., 2003
www.anpec.com.tw
4
APL5525/5526
Electrical Characteristics (Cont.)
APL5525/6
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
REGLINE
 Line Regulation
VOUT+0.5V< VIN<6.0V, IOUT=10mA

4
6
mV
REGLOAD
Load Regulation
VIN =5V, 0mA< IOUT < IMAX

30
50
mV
VDROP
Dropout Voltage
(Note)
(VOUT(Nominal)=2.5V
Version)
IOUT =500mA
630
750
mV
PSRR
Ripple Rejection
F
1kHz, 1Vpp at I
OUT=50mA
45
52
dB
Over Temperature
Shutdown
125
°C
OTS
Over Temperature
Shutdown Hysteresis
Hysteresis
10
°C
TC
Output Voltage
Temperature
Coefficient
Ta= -20 ~ 80
°c
100
ppm/
°C
Output Capacitor

4.7
µF
COUT

ESR
0.01
1
Ohm
RESET / RESET
VDET=H
!L (APL5525/6A)

3.9
VS

Detection Voltage
VDET=H
!L (APL5525/6B)

4.2
V
µVS/µT
Vs Temperature
Coefficient
Ta = -20~+80°C

100
ppm/°C
µVS Hysteresis Voltage
VDET = H
!L
130
180
230
mV
VOL

Low-level Output
Voltage
VDET = 3.9V, RL = 4.7k


12
60
mV
IOH

Output Leakage
Current
VDET = 5V

0.5
1
µA
IOL1
Output Current1
VDET =3.9V, VRESET = 0.4V

25
30
mA
IOL2
Output Current2
VDET = 3.9V, VRESET = 0.4V
Ta = -20~+80
°C

20
25
mA
tPLH
“H” Transmission Delay
Time
Cd = 0µF
42
90
µs
tPLH1
Reset Delay Time
VDET = 3.7V
!5V, Cd = 0.1µF

8
13
18
ms
tPHL
“L” Transmission Delay
Time
Cd = 0µF
4
90
µs
VOPL
Threshold Operating
Voltage
VRESET = 0.4V
0.95
1.25
V
Note : Dropout voltage definition : VIN- VOUT when VOUT is 2% below the value of VOUT for VIN=5V
Unless otherwise noted these specifications apply over full temperature , VIN=5V, CIN=1
µF,COUT1=4.7µF,
COUT2=4.7
µF, CONT=VIN, TJ=0 to 125°C . Typical values refer to TJ=25°C .


Similar Part No. - APL5526-AKC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521K ANPEC-APL5521K Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TR ANPEC-APL5521KC-TR Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TRL ANPEC-APL5521KC-TRL Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TU ANPEC-APL5521KC-TU Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
More results

Similar Description - APL5526-AKC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5538 ANPEC-APL5538 Datasheet
382Kb / 17P
   Dual Channel 300mA Regulator Reset IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com