Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6213 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6213
Description  PNP HIGH POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6213 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6213 Datasheet HTML 1Page - Microsemi Corporation 2N6213 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/461
Devices
Qualified Level
2N6211
2N6212
2N6213
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol 2N6211 2N6212 2N6213 Unit
Collector-Emitter Voltage
VCEO
225
300
350
Vdc
Collector-Base Voltage
VCBO
275
350
400
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Base Current
IB
1.0
Adc
Collector Current
IC
2.0
Adc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
3.0
35
W
W
Operating & Storage Temperature
Top, Tstg
-55 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance Junction-to-Case
RθJC
5.0
0C/W
1)
Derate linearly 17.1 mW/
0C for TA > +250C
2)
Derate linearly 200 mW/
0C for TC > +250C
TO-66*
(TO-213AA)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 200 mAdc, f = 30-60 Hz
2N6211
2N6212
2N6213
V(BR)CEO
225
300
350
Vdc
Collector-Emitter Breakdown Voltage
IC = 200 mAdc, f = 30-60 Hz, RBE = 50 Ω
2N6211
2N6212
2N6213
V(BR)CER
250
325
375
Vdc
Collector-Emitter Breakdown Voltage
IC = 200 mAdc, f = 30-60 Hz, RBE = 50 Ω, VBE = -1.5 Vdc
2N6211
2N6212
2N6213
V(BR)CEX
275
350
400
Vdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N6213

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6213 MOSPEC-2N6213 Datasheet
142Kb / 3P
   POWER TRANSISTORS(2A, 35W)
logo
Boca Semiconductor Corp...
2N6213 BOCA-2N6213 Datasheet
147Kb / 3P
   MEDIUM-POWER HIGH VOLTAGE PNP POWER TRANSISTORS
logo
Central Semiconductor C...
2N6213 CENTRAL-2N6213 Datasheet
51Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N6213 NJSEMI-2N6213 Datasheet
222Kb / 2P
   MEDIUM-POWER HIGH-VOLTAGE PNP POWER TRANSISTORS
2N6213 NJSEMI-2N6213 Datasheet
76Kb / 1P
   SI PNP POWER BJT
More results

Similar Description - 2N6213

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX2N5745 MICROSEMI-JANTX2N5745 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N7369JAN MICROSEMI-2N7369JAN Datasheet
55Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N3791 MICROSEMI-2N3791 Datasheet
64Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
JAN2N4399 MICROSEMI-JAN2N4399 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
MJ4502 ONSEMI-MJ4502 Datasheet
134Kb / 4P
   High-Power PNP Silicon Transistor
October, 2009 ??Rev. 12
logo
Microsemi Corporation
2N7369 MICROSEMI-2N7369 Datasheet
59Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N4399 MICROSEMI-2N4399 Datasheet
57Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
Motorola, Inc
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
   Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
   Plastic High Power Silicon PNP Transistor
logo
ON Semiconductor
BD802 ONSEMI-BD802 Datasheet
46Kb / 4P
   Plastic High Power Silicon PNP Transistor
March, 2001 ??Rev. 9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com