Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE100CARL Datasheet(PDF) 6 Page - STMicroelectronics

Part # 1.5KE100CARL
Description  TRANSIL-TM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1.5KE100CARL Datasheet(HTML) 6 Page - STMicroelectronics

  1.5KE100CARL Datasheet HTML 1Page - STMicroelectronics 1.5KE100CARL Datasheet HTML 2Page - STMicroelectronics 1.5KE100CARL Datasheet HTML 3Page - STMicroelectronics 1.5KE100CARL Datasheet HTML 4Page - STMicroelectronics 1.5KE100CARL Datasheet HTML 5Page - STMicroelectronics 1.5KE100CARL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1.5KExx
6/6
Packaging : standard packaging is in tape and reel.
PACKAGE MECHANICAL DATA
DO-201 (Plastic)
1.5
KE
100
C
A
RL
1500W
BREAKDOWN VOLTAGE
BIDIRECTIONAL
No suffix: Unidirectional
PACKAGING
= Ammopack tape
RL = Tape & reel
ORDER CODE
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
8.5
9.5
0.335
0.374
B
25.4
1
∅ C
4.8
5.3
0.189
0.209
∅ D 0.96
1.06 0.038
0.042
Weight = 0.876 g.
MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only).
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
B
∅D
∅C
AB


Similar Part No. - 1.5KE100CARL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1.5KE100CARL STMICROELECTRONICS-1.5KE100CARL Datasheet
212Kb / 6P
   TRANSIL UNIAND BIDIRECTIONALTYPES
More results

Similar Description - 1.5KE100CARL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
   High junction temperature Transil TM
ESDA6V1B1 STMICROELECTRONICS-ESDA6V1B1 Datasheet
61Kb / 6P
   TRANSIL-TM ARRAY FOR ESD PROTECTION
ESDA14V2-4BF1 STMICROELECTRONICS-ESDA14V2-4BF1 Datasheet
151Kb / 9P
   QUAD BIDIRECTIONAL TRANSIL-TM ARRAY FOR ESD PROTECTION
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
   QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com