Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB43AB21AI Datasheet(PDF) 11 Page - Texas Instruments

Part # TSB43AB21AI
Description  Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21AI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSB43AB21AI Datasheet HTML 7Page - Texas Instruments TSB43AB21AI Datasheet HTML 8Page - Texas Instruments TSB43AB21AI Datasheet HTML 9Page - Texas Instruments TSB43AB21AI Datasheet HTML 10Page - Texas Instruments TSB43AB21AI Datasheet HTML 11Page - Texas Instruments TSB43AB21AI Datasheet HTML 12Page - Texas Instruments TSB43AB21AI Datasheet HTML 13Page - Texas Instruments TSB43AB21AI Datasheet HTML 14Page - Texas Instruments TSB43AB21AI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
1–3
1.2
Features
The TSB43AB21A device supports the following features:
Fully compliant with 1394 Open Host Controller Interface Specification (Release 1.1)
Fully compliant with provisions of IEEE Std 1394-1995 for a high-performance serial busand IEEE Std
1394a-2000
Fully interoperable with FireWire and i.LINK implementations of IEEE Std 1394
Compliant with Intel Mobile Power Guideline 2000
Full IEEE Std 1394a-2000 support includes: connection debounce, arbitrated short reset, multispeed
concatenation, arbitration acceleration, fly-by concatenation, and port disable/suspend/resume
Power-down features to conserve energy in battery-powered applications include: automatic device power
down during suspend, PCI power management for link-layer, and inactive ports powered down
Ultralow-power sleep mode
One IEEE Std 1394a-2000 fully compliant cable port at 100M bits/s, 200M bits/s, or 400M bits/s
Cable port monitors line conditions for active connection to remote node
Cable power presence monitoring
1.8-V core logic with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
Physical write posting of up to three outstanding transactions
PCI burst transfers and deep FIFOs to tolerate large host latency
PCI_CLKRUN protocol
External cycle timer control for customized synchronization
Extended resume signaling for compatibility with legacy DV components
PHY-link logic performs system initialization and arbitration functions
PHY-link encode and decode functions included for data-strobe bit level encoding
PHY-link incoming data resynchronized to local clock
Low-cost 24.576-MHz crystal provides transmit and receive data at 100M bits/s, 200M bits/s, or 400M bits/s
Node power class information signaling for system power management
Serial ROM interface supports 2-wire serial EEPROM devices
Two general-purpose I/Os
Register bits give software control of contender bit, power class bits, link active control bit, and IEEE Std
1394a-2000 features
Fabricated in advanced low-power CMOS process
PCI and CardBus register support
Isochronous receive dual-buffer mode
Out-of-order pipelining for asynchronous transmit requests
Register access fail interrupt when the PHY SCLK is not active
PCI power-management D0, D1, D2, and D3 power states
† Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.


Similar Part No. - TSB43AB21AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
More results

Similar Description - TSB43AB21AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
[Old version datasheet]   INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A_09 Datasheet
522Kb / 113P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
[Old version datasheet]   INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
PCI4510 TI-PCI4510 Datasheet
1Mb / 220P
[Old version datasheet]   PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com