Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT256S72V89A0G-7K Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NT256S72V89A0G-7K
Description  32Mx72 bit One Bank Unbuffered SDRAM Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256S72V89A0G-7K Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NT256S72V89A0G-7K Datasheet HTML 4Page - List of Unclassifed Manufacturers NT256S72V89A0G-7K Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256S72V89A0G-7K Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256S72V89A0G-7K Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256S72V89A0G-7K Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256S72V89A0G-7K Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256S72V89A0G-7K Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256S72V89A0G-7K Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256S72V89A0G-7K Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NT256S72V89A0G
256MB : 32M x 72
Unbuffered SDRAM Module
Preliminary 09 / 2001
9
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Read Cycle
- 7K
- 75B
- 8B
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
-
-
-
-
2.5
-
ns
tOH
Data Out Hold Time
2.7
-
2.7
-
3
-
ns
tLZ
Data Out to Low Impedance Time
0
-
0
-
0
-
ns
tHZ3
Data Out to High Impedance Time
3
5.4
3
5.4
3
6
ns
1
tDQZ
DQM Data Out Disable Latency
2
-
2
-
2
-
CLK
1.
Referenced to the time at which the output achieves the open circuit condition, not to output voltage levels.
Refresh Cycle
- 7K
- 75B
- 8B
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
tREF
Refresh Period
-
64
-
64
-
64
ms
tSREX
Self Refresh Exit Time
10
-
10
-
10
-
ns
Write Cycle
- 7K
- 75B
- 8B
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
tDS
Data In Set-up Time
1.5
-
1.5
-
2
-
ns
tDH
Data In Hold Time
0.8
-
0.8
-
1
-
ns
tDPL
Data input to Precharge
15
-
15
-
15
-
ns
tDAL3
Data In to Active Delay
CAS Latency = 3
5
-
5
-
5
-
CLK
tDAL2
Data In to Active Delay
CAS Latency = 2
5
-
-
-
-
-
CLK
tDQW
DQM Write Mask Latency
0
-
0
-
0
-
ns


Similar Part No. - NT256S72V89A0G-7K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256S64V8HC0G ETC1-NT256S64V8HC0G Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
NT256S64V8HC0G-75B ETC1-NT256S64V8HC0G-75B Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
NT256S64V8HC0G-7K ETC1-NT256S64V8HC0G-7K Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
NT256S64V8HC0G-8B ETC1-NT256S64V8HC0G-8B Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
More results

Similar Description - NT256S72V89A0G-7K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88ABG ETC1-NT256D64S88ABG Datasheet
833Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
logo
List of Unclassifed Man...
NT256S64V8HC0G ETC1-NT256S64V8HC0G Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
logo
White Electronic Design...
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com