Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT512D64S8HB1G Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NT512D64S8HB1G
Description  184 pin Unbuffered DDR DIMM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT512D64S8HB1G Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NT512D64S8HB1G Datasheet HTML 2Page - List of Unclassifed Manufacturers NT512D64S8HB1G Datasheet HTML 3Page - List of Unclassifed Manufacturers NT512D64S8HB1G Datasheet HTML 4Page - List of Unclassifed Manufacturers NT512D64S8HB1G Datasheet HTML 5Page - List of Unclassifed Manufacturers NT512D64S8HB1G Datasheet HTML 6Page - List of Unclassifed Manufacturers NT512D64S8HB1G Datasheet HTML 7Page - List of Unclassifed Manufacturers NT512D64S8HB1G Datasheet HTML 8Page - List of Unclassifed Manufacturers NT512D64S8HB1G Datasheet HTML 9Page - List of Unclassifed Manufacturers NT512D64S8HB1G Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
NT512D64S8HB1G / NT512D64S8HB1GY / NT512D64S8HB0G
NT256D64S88B1G / NT256D64S88B1GY NT256D64S88B0G
NT128D64SH4B1G / NT512D72S8PB0G (ECC) / NT256D72S89B0G (ECC)
Unbuffered DDR DIMM
REV 2.2
6
Aug 3, 2004
Preliminary
© NANYA TECHNOLOGY CORPORATION
NANYA reserves the right to change products and specifications without notice.
Functional Block Diagram
1 Rank, 8 devices, 32Mx8 DDR SDRAMs
Serial PD
A0
A2
A1
SCL
WP
SDA
SA0
SA2
SA1
A0-A13
RAS
BA0-BA1
BA0-BA1 : SDRAMs D0-D7
A0-A13 : SDRAMs D0-D7
RAS : SDRAMs D0-D7
CKE0
CAS
CAS : SDRAMs D0-D7
CKE : SDRAMs D0-D7
WE
WE : SDRAMs D0-D7
V
DDSPD
V
SS
V
REF
V
DDID
V
DD/VDDQ
Strap: see Note 4
SPD
D0-D7
D0-D7
D0-D7
* Wire per Clock Loading Table/
Wiring Diagrams
* Clock Wiring
Clock Input
SDRAMs
*CK0/
CK0
*CK1/
CK1
*CK2/
CK2
2 SDRAMs
3 SDRAMs
3 SDRAMs
Notes :
1. DQ-to-I/O wiring is shown as recommended but may be changed.
2. DQ/DQS/DM/CKE/S relationships must be maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms.
4. V
DDID strap connections (for memory device VDD, VDDQ):
STRAP OUT (OPEN): V
DD = VDDQ
STRAP IN (V
SS): VDD is not equal to VDDQ.
S0
DM0/DQS9
DQ0
DQ1
DQ2
DQ7
DQ4
DQ6
DQ5
DQ3
DQ8
DQ9
DQ10
DQ15
DQ12
DQ14
DQ13
DQ11
DQ16
DQ17
DQ18
DQ23
DQ20
DQ22
DQ21
DQ19
DQ24
DQ25
DQ26
DQ31
DQ28
DQ30
DQ29
DQ27
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D3
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D2
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D4
DQS0
DM4/DQS13
DQS4
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D0
DQS
DM1/DQS10
DQS1
DQS
DM2/DQS11
DQS2
DM3/DQS12
DQS3
DQS
DQ32
DQ33
DQ34
DQ39
DQ36
DQ38
DQ37
DQ35
DQ40
DQ41
DQ42
DQ47
DQ44
DQ46
DQ45
DQ43
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D1
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D5
DQS
DQS5
DM5/DQS14
DQ48
DQ49
DQ50
DQ55
DQ52
DQ54
DQ53
DQ51
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D6
DQS
DQ56
DQ57
DQ58
DQ63
DQ60
DQ62
DQ61
DQ59
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D7
DQS
DQS6
DM6/DQS15
DQS7
DM7/DQS16


Similar Part No. - NT512D64S8HB1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT511740C5J ETC1-NT511740C5J Datasheet
336Kb / 18P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740C5J-50 ETC1-NT511740C5J-50 Datasheet
336Kb / 18P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740C5J-60 ETC1-NT511740C5J-60 Datasheet
336Kb / 18P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740C5J-70 ETC1-NT511740C5J-70 Datasheet
336Kb / 18P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
NT511740D0J ETC1-NT511740D0J Datasheet
162Kb / 20P
   The NT511740C5J is a 4,194,304-word x 4-bit dynamic RAM fabricated in NTCs CMOS silicon gate technology.
More results

Similar Description - NT512D64S8HB1G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com