Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT256D64S88A2GM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NT256D64S88A2GM
Description  200pin One Bank Unbuffered DDR SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S88A2GM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NT256D64S88A2GM Datasheet HTML 4Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NT256D64S88A2GM
256MB : 32M x 64
PC2100 / PC1600 Unbuffered DDR SO-DIMM
Preliminary 01 / 2002
8
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
DC Electrical Characteristics and Operating Conditions
( TA = 0 °C ~ 70 °C ; VDDQ = 2.5V ± 0.2V; VDD = 2.5V ± 0.2V, See AC Characteristics)
Symbol
Parameter
Min
Max
Units
Notes
VDD
Supply Voltage
2.3
2.7
V
1
VDDQ
I/O Supply Voltage
2.3
2.7
V
1
VSS , VSSQ
Supply Voltage, I/O Supply Voltage
0
0
V
VREF
/O Reference Voltage
0.49 x
VDDQ
0.51 x
VDDQ
V
1,2
VTT
I/O Termination Voltage (System)
VREF – 0.04
VREF + 0.04
V
1,3
VIH(DC)
Input High (Logic1) Voltage
VREF + 0.15
VDDQ + 0.3
V
1
VIL(DC)
Input Low (Logic0) Voltage
-0.3
VREF- 0.15
V
1
VIN(DC)
Input Voltage Level, CK and CK Inputs
-0.3
VDDQ + 0.3
V
1
VID(DC)
Input Differential Voltage, CK and CK Inputs
0.30
V DDQ + 0.6
V
1,4
II
Input Leakage Current
Any input 0V
≤ VIN ≤ VDD; (All other pins not under test = 0V)
-5
5
uA
1
IOZ
Output Leakage Current
(DQs are disabled; 0V
≤ Vout ≤ VDDQ
-5
5
uA
1
IOH
Output High Current
(VOUT = VDDQ -0.373V, min VREF , min VTT )
-16.8
-
mA
1
IOL
Output Low Current
(VOUT = 0.373, max VREF , max VTT )
16.8
-
mA
1
1. Inputs are not recognized as valid until V REF stabilizes.
2. VREF is expected to be equal to 0.5 V DDQ of the transmitting device, and to track variations in the DC level of the same. Peak-to-peak
noise on VREF may not exceed 2% of the DC value.
3. VTT is not applied directly to the DIMM. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF ,
and must track variations in the DC level of V REF .
4. VID is the magnitude of the difference between the input level on CK and the input level on CK .


Similar Part No. - NT256D64S88A2GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-75B ETC1-NT256D64S88A0G-75B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-7K ETC1-NT256D64S88A0G-7K Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-8B ETC1-NT256D64S88A0G-8B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
More results

Similar Description - NT256D64S88A2GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64SH8B0GM ETC1-NT256D64SH8B0GM Datasheet
801Kb / 15P
   200pin Unbuffered DDR SO-DIMM
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216M646CL6-J HYNIX-HYMD216M646CL6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com