Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT256D64S88A0G Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NT256D64S88A0G
Description  184pin One Bank Unbuffered DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S88A0G Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NT256D64S88A0G Datasheet HTML 3Page - List of Unclassifed Manufacturers NT256D64S88A0G Datasheet HTML 4Page - List of Unclassifed Manufacturers NT256D64S88A0G Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256D64S88A0G Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D64S88A0G Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88A0G Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88A0G Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88A0G Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D64S88A0G Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NT256D64S88A0G
256MB : 32M x 64
PC2100 / PC1600 Unbuffered DIMM
Preliminary 08 / 2001
7
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VIN, VOUT
Voltage on I/O pins relative to Vss
-0.5 to VDDQ+0.5
V
VIN
Voltage on Input relative to Vss
-0.5 to +3.6
V
VDD
Voltage on VDD supply relative to Vss
-0.5 to +3.6
V
VDDQ
Voltage on VDDQ supply relative to Vss
-0.5 to +3.6
V
TA
Operating Temperature (Ambient)
0 to+70
°C
TSTG
Storage Temperature (Plastic)
-55 to +150
°C
PD
Power Dissipation
8
W
IOUT
Short Circuit Output Current
50
mA
Note:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is
stress rating only, and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Capacitance
Parameter
Symbol
Max.
Units
Notes
Input Capacitance: CK0, CK0 , CK1, CK1 , CK2, CK2
CI1
12
pF
1
Input Capacitance: A0-A11, BA0, BA1,
WE , RAS , CAS
, CKE0, S0
CI2
30
pF
1
Input Capacitance: SA0-SA2, SCL
CI4
9
pF
1
Input/Output Capacitance DQ0-63; DQS0-7, 9-16
CIO1
7
pF
1,2
Input/Output Capacitance: SDA
CIO3
11
pF
1. VDDQ = VDD = 2.5V ± 0.2V, f = 100 MHz, TA = 25 °C, VOUT (DC) = VDDQ/2, VOUT (Peak to Peak) = 0.2V.
2. DQS inputs are grouped with I/O pins reflecting the fact that they are matched in loading to DQ and DQS to facilitate trace matching at
the board level.


Similar Part No. - NT256D64S88A0G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S88A2GM ETC1-NT256D64S88A2GM Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
NT256D64S88A2GM-75B ETC1-NT256D64S88A2GM-75B Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
NT256D64S88A2GM-7K ETC1-NT256D64S88A2GM-7K Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
NT256D64S88A2GM-8B ETC1-NT256D64S88A2GM-8B Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
More results

Similar Description - NT256D64S88A0G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88ABG ETC1-NT256D64S88ABG Datasheet
833Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G-6 ETC1-NT256D64S8HA0G-6 Datasheet
183Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G ETC1-NT256D64S8HA0G Datasheet
182Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
logo
Hynix Semiconductor
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
logo
List of Unclassifed Man...
NT256S72V89A0G ETC1-NT256S72V89A0G Datasheet
179Kb / 12P
   32Mx72 bit One Bank Unbuffered SDRAM Module
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com