Part Name
         Description
R8830LV

 16-Bit Microcontroller with 8-bit external data bus ( 97 Page)


RDC
100% 
Zoom Out Zoom In
 
 94 page
background image
RDC®
RISC DSP Controller
R8830LV
RDC Semiconductor Co.
Rev:1.0
Subject to change without notice
94
No.
Description
MIN
MAX
Unit
1
ARDY Resolution Transition setup time
0
10
ns
2
ARDY active hold time
0
10
ns
CLKOUTA
ALE
ARDY
SRDY
ARDY Timing
LCS
T1
T2
T3
Tw
Tw
Tw
Tw
Tw
Tw
T4
T1
1
2



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST7LITE0X8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics
P89V52X28-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM 192 B data EEPROM 1 2 3 4 5 MoreNXP Semiconductors
PIC12C67X8-Pin 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory 1 2 3 4 5 MoreMicrochip Technology
ST7LITE2_068-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY DATA EEPROM ADC TIMERS SPI 1 2 3 4 5 MoreSTMicroelectronics
SN54LVT162245A3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH16245A_063.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
FSTU1624516-Bit Bus Switch with -2V Undershoot Protection 1 2 3 4 5 MoreFairchild Semiconductor
ATMEGA162_078-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA165P_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89C40518-Bit Microcontroller with 4K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl