Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M55310S21C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M55310S21C
Description  OSCILLATOR, CRYSTAL CONTROLLED, TYPE 1 (CRYSTAL OSCILLATOR (XO)), 0.01 Hz THROUGH 15.0 MHz, HERMETIC SEAL, SQUARE WAVE, CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M55310S21C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M55310S21C Datasheet HTML 1Page - List of Unclassifed Manufacturers M55310S21C Datasheet HTML 2Page - List of Unclassifed Manufacturers M55310S21C Datasheet HTML 3Page - List of Unclassifed Manufacturers M55310S21C Datasheet HTML 4Page - List of Unclassifed Manufacturers M55310S21C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MIL-PRF-55310/18D
5
The margins of this specification sheet are marked with asterisks to indicate where changes from the previous issue
were made. This was done as a convenience only and the Government assumes no liability whatsoever for any
inaccuracies in these notations. Bidders and contractors are cautioned to evaluate the requirements of this
document based on the entire content irrespective of the marginal notations and relationship to the last previous
issue.
Custodians:
Preparing activity:
Army - CR
Army - CR
Navy - EC
Air Force - 11
Agent:
DLA - CC
Review activities:
Army - AR, MI, SM
(Project 5955-0745-11)
Navy - AS, CG, MC
Air Force - 19, 99
NASA - NA


Similar Part No. - M55310S21C

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M55310/30-B11A MTRONPTI-M55310/30-B11A Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11AT MTRONPTI-M55310/30-B11AT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11B MTRONPTI-M55310/30-B11B Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11BT MTRONPTI-M55310/30-B11BT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11C MTRONPTI-M55310/30-B11C Datasheet
465Kb / 2P
   QPL Oscillators
More results

Similar Description - M55310S21C

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
logo
TEMEX
QEN79 TEMEX-QEN79 Datasheet
346Kb / 3P
   Defense airborne - Crystal oscillator - XO
logo
Integrated Device Techn...
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
logo
TEMEX
QEN49 TEMEX-QEN49 Datasheet
303Kb / 2P
   Defense ground - Crystal oscillator - XO
logo
Integrated Device Techn...
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com