Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5434NEZT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5434NEZT
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5434NEZT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5434NEZT Datasheet HTML 1Page - Maxim Integrated Products MAX5434NEZT Datasheet HTML 2Page - Maxim Integrated Products MAX5434NEZT Datasheet HTML 3Page - Maxim Integrated Products MAX5434NEZT Datasheet HTML 4Page - Maxim Integrated Products MAX5434NEZT Datasheet HTML 5Page - Maxim Integrated Products MAX5434NEZT Datasheet HTML 6Page - Maxim Integrated Products MAX5434NEZT Datasheet HTML 7Page - Maxim Integrated Products MAX5434NEZT Datasheet HTML 8Page - Maxim Integrated Products MAX5434NEZT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, VH = VDD, VL = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA =
+25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
MAX5432/MAX5434
500
-3dB Bandwidth (Note 8)
MAX5433/MAX5435
250
kHz
MAX5432/MAX5434
0.5
Wiper Settling Time (Note 9)
MAX5433/MAX5435
1.0
µs
NONVOLATILE MEMORY RELIABILITY
Data Retention
TA = +85°C
50
Years
TA = +25°C
200,000
Endurance
TA = +85°C
50,000
Stores
POWER SUPPLY
Power-Supply Voltage
VDD
2.70
5.25
V
Standby Current
IDD
Digital inputs = VDD or GND, TA = +25°C
0.5
2
µA
Programming Current
During nonvolatile write; digital inputs =
VDD or GND (Note 10)
200
900
µA
Note 1: All devices are production tested at TA = +25°C and are guaranteed by design and characterization for -40°C < TA < +85°C.
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, VH = VDD, VL = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA =
+25°C.) (Figures 1 and 2) (Note 11)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
400
kHz
Setup Time for START Condition
tSU-STA
0.6
µs
Hold Time for START Condition
tHD-STA
0.6
µs
CLK High Time
tHIGH
0.6
µs
CLK Low Time
tLOW
1.3
µs
Data Setup Time
tSU-DAT
100
ns
Data Hold Time
tHD-DAT
0
0.9
µs
SDA, SCL Rise Time
tR
300
ns
SDA, SCL Fall Time
tF
300
ns
Setup Time for STOP Condition
tSU-STO
0.6
µs
Bus Free Time Between STOP
and START Condition
tBUF
1.3
µs
Pulse Width of Spike Suppressed
tSP
50
ns
Capacitive Load for Each Bus
Line
CB
(Note 12)
400
pF
Nonvolatile Store Time
Idle time required after a nonvolatile
memory write (Note 13)
12
ms


Similar Part No. - MAX5434NEZT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5434LEZT+T MAXIM-MAX5434LEZT+T Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
More results

Similar Description - MAX5434NEZT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
   32-Tap Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com