Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5435NEZT-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5435NEZT-T
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5435NEZT-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5435NEZT-T Datasheet HTML 2Page - Maxim Integrated Products MAX5435NEZT-T Datasheet HTML 3Page - Maxim Integrated Products MAX5435NEZT-T Datasheet HTML 4Page - Maxim Integrated Products MAX5435NEZT-T Datasheet HTML 5Page - Maxim Integrated Products MAX5435NEZT-T Datasheet HTML 6Page - Maxim Integrated Products MAX5435NEZT-T Datasheet HTML 7Page - Maxim Integrated Products MAX5435NEZT-T Datasheet HTML 8Page - Maxim Integrated Products MAX5435NEZT-T Datasheet HTML 9Page - Maxim Integrated Products MAX5435NEZT-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)
0
100
300
200
500
600
400
700
08
12
416
20
24
28
WIPER RESISTANCE vs. TAP POSITION
(MAX5433)
TAP POSITION
VDD = 3V
31
0
100
300
200
500
600
400
700
08
12
4
1620242831
WIPER RESISTANCE vs. TAP POSITION
(MAX5432)
TAP POSITION
VDD = 5V
0
100
300
200
500
600
400
700
08
12
416
20
24
28
WIPER RESISTANCE vs. TAP POSITION
(MAX5433)
TAP POSITION
VDD = 5V
31
0
20
10
40
90
30
120
08
12
416
20
24
28
W-TO-L RESISTANCE vs. TAP POSITION
TAP POSITION
110
100
80
60
50
70
50k
100k
31
-0.5
-0.3
-0.4
-0.1
-0.2
0.1
0
0.2
0.4
0.3
0.5
08
12
416
20
24
28 31
RESISTANCE DNL vs. TAP POSITION
TAP POSITION
VARIABLE-RESISTOR MODE
MAX5432/MAX5434
-0.5
-0.3
-0.4
-0.1
-0.2
0.1
0
0.2
0.4
0.3
0.5
08
12
416
20
24
28 31
RESISTANCE INL vs. TAP POSITION
TAP POSITION
VARIABLE-RESISTOR MODE
MAX5432/MAX5434


Similar Part No. - MAX5435NEZT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5435 MAXIM-MAX5435 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
More results

Similar Description - MAX5435NEZT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
   32-Tap Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com